Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHCS362AG Datasheet(PDF) 12 Page - Microchip Technology

Part # RFHCS362AG
Description  Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362AG Datasheet(HTML) 12 Page - Microchip Technology

Back Button RFHCS362AG Datasheet HTML 8Page - Microchip Technology RFHCS362AG Datasheet HTML 9Page - Microchip Technology RFHCS362AG Datasheet HTML 10Page - Microchip Technology RFHCS362AG Datasheet HTML 11Page - Microchip Technology RFHCS362AG Datasheet HTML 12Page - Microchip Technology RFHCS362AG Datasheet HTML 13Page - Microchip Technology RFHCS362AG Datasheet HTML 14Page - Microchip Technology RFHCS362AG Datasheet HTML 15Page - Microchip Technology RFHCS362AG Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
rfHCS362G/362F
DS41189A-page 12
Preliminary
© 2002 Microchip Technology Inc.
2.1.3
LOW VOLTAGE DETECTOR
A low battery voltage detector onboard the rfHCS362G/
362F can indicate when the operating voltage drops
below a predetermined value. There are eight options
available depending on the VLOW[0..2] configuration
options. The options provided are:
FIGURE 2-4:
rfHCS362 VLOW DETECTOR
(TYPICAL)
FIGURE 2-5:
rfHCS362 VLOW DETECTOR
(TYPICAL)
The output of the low voltage detector is transmitted in
each code word, so the decoder can give an indication
to the user that the transmitter battery is low. Operation
of the LED changes as well to further indicate that the
battery is low and needs replacing.
000
-2.0V
100 -4.0V
001
-2.1V
101 -4.2V
010
-2.2V
110 -4.4V
011
-2.3V
111 -4.6V
1.5
1.7
1.9
2.1
2.3
2.5
2.7
-40
-25
-10
5
20
35
50
65
80
Temperature (°C)
VLOW Option
x
= 000
s
= 001
v
= 010
"
= 011
Temperature (°C)
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
5.3
5.5
-40
-25
-10
5
20
35
50
65
80
VLOW Option
x
= 100
s
= 101
v
= 110
"
= 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com