Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHCS362AG Datasheet(PDF) 50 Page - Microchip Technology

Part # RFHCS362AG
Description  Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362AG Datasheet(HTML) 50 Page - Microchip Technology

Back Button RFHCS362AG Datasheet HTML 46Page - Microchip Technology RFHCS362AG Datasheet HTML 47Page - Microchip Technology RFHCS362AG Datasheet HTML 48Page - Microchip Technology RFHCS362AG Datasheet HTML 49Page - Microchip Technology RFHCS362AG Datasheet HTML 50Page - Microchip Technology RFHCS362AG Datasheet HTML 51Page - Microchip Technology RFHCS362AG Datasheet HTML 52Page - Microchip Technology RFHCS362AG Datasheet HTML 53Page - Microchip Technology RFHCS362AG Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
rfHCS362G/362F
DS41189A-page 50
Preliminary
© 2002 Microchip Technology Inc.
TABLE 10-6:
TRANSMITTER DC CHARACTERISTICS*
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3V, 25°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1:
Depends on output power selection. See Table 6-6.
Note 2:
Applies to RFEN pin.
TABLE 10-7:
TRANSMITTER AC CHARACTERISTICS*
bit *
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3V, 25°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1:
Values dependent on PLL loop filter values.
Note 2:
ton equals crystal oscillator and PLL start-up time.
Note 3:
Max FSK data rate requires crystal with appropriate motional parameters. See Section 6.3.
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating Temperature -40°C
≤ TA ≤ +85°C
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
VDDRF
Supply Voltage
2.2
—5.5
V
IPDRF
Power-Down Current
—
0.05
0.1
µARFEN = 0
IDDRF
Supply Current
4.8
—
11.5
mA
Note 1
VILRF
Input Low Voltage
-0.3
—
0.3 VSSRF
V
Note 2
VIHRF
Input High Voltage
0.7 VSSRF
—VSSRF + 0.3
V
Note 2
IILRF
Input Leakage Current
-1
—
1
µA
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating Temperature -40°C
≤ TA ≤ +85°C
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
fxtal
Crystal Frequency
9.69
—15
MHz
ftransmit
Transmit Frequency
310
—
440
MHz
Fixed, set by fxtal
fCLKOUT
CLKOUT Frequency
2.42
—
3.75
MHz
Fixed, set by fxtal
Po
Transmit Output Power
-12
—
+2
dBm
See Table 6-6
fASK
ASK Data Rate
—
—
40
kbps
fFSK
FSK Data Rate
—
—
20
kbps
Note 3
PREF
Reference Spurs (1)
—-44
—
dBm
ftransmit ± fxtal
PCLK
Clock Spurs (1)
—-44
—
dBm
ftransmit ± fCLKOUT
PHARM
Harmonic Content
—
-40
—
dBm
2ftransmit, 3ftransmit,
4ftransmit,...
POFF
Spurious Output Signal
—
-60
—
dBm
Vps
≤ 0.1V
PN
Phase Noise
—
-87
—
dBc/Hz
ftransmit ± 500 kHz
KVCO
VCO Gain
—
100
—
MHz/V
ICP
Charge Pump Current
—
±260
—
µA
VCLKOUT
Clock Voltage Swing
—
2
—
VPP
Cload = 5 pF
ton
Start-up Time
—
0.9
—
ms
Note 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com