Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB708 Datasheet(PDF) 4 Page - TT Electronics.

Part # OPB708
Description  Reflective Obiect Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB708 Datasheet(HTML) 4 Page - TT Electronics.

  OPB708 Datasheet HTML 1Page - TT Electronics. OPB708 Datasheet HTML 2Page - TT Electronics. OPB708 Datasheet HTML 3Page - TT Electronics. OPB708 Datasheet HTML 4Page - TT Electronics. OPB708 Datasheet HTML 5Page - TT Electronics. OPB708 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Output RBE Phototransistor (See OP705 for general information — for reference only)
V(BR)CEO
Collector-Emitter Breakdown Voltage
24
-
-
V
IC = 100 µA
ICEO
Collector Dark Current
-
-
100
nA
VCE = 10 V, IF = 0, EE =0
Output Phototransistor (See OP505 for general information — for reference only)
V(BR)CEO
Collector-Emitter Breakdown Voltage
30
-
-
V
IC = 100 µA
V(BR)ECO
Emitter-Collector Breakdown Voltage
5
-
-
V
IE = 100 µA
ICEO
Collector Dark Current
-
-
100
nA
VCE = 10 V, IF = 0, EE =0
Output Photodarlington (See OP535 for general information — for reference only)
V(BR)CEO
Collector-Emitter Breakdown Voltage
15
-
-
V
IC = 100 µA
V(BR)ECO
Emitter-Collector Breakdown Voltage
5
-
-
V
IE = 100 µA
ICEO
Collector-Emitter Dark Current
OPB709, OPB745, OPB745WZ
-
-
25
µA
VCE = 5 V, IF = 0, EE =0
Coupled
VCE(SAT)
Saturation Voltage
OPB708
OPB709
-
-
-
-
0.40
1.10
V
IF = 40 mA, Ic = 3 µA , d = 0.15”
(1)(2)
IC(ON)
(1)(2)
On-State Collector Current
OPB708
OPB709
OPB740, OPB740WZ
OPB741, OPB741W Z
OPB742, OPB742WZ
OPB743, OPB743WZ
OPB744, OPB744WZ
OPB745, OPB745WZ
OPB746WZ
OPB747WZ
OPB748WZ
0.01
1.00
0.05
0.05
0.01
0.20
0.20
5.00
0.50
0.01
0.01
-
-
-
-
-
-
-
-
-
-
-
3.00
-
2.50
2.50
0.70
2.00
2.00
26.0
2.50
0.70
0.70
mA
VCE = 5 V, IF = 40mA ,
d = 0.15” (3.810 mm)
ICX
(3)
Crosstalk
OPB708, OPB709,
OPB740, OPB740WZ
OPB741, OPB741WZ
OPB742, OPB742WZ
OPB743, OPB743WZ
OPB744, OPB744WZ
OPB745, OPB745WZ
OPB746WZ
OPB747WZ
OPB748WZ
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
10.0
10.0
1.0
20.0
20.0
25.0
1.0
1.0
1.0
µA
VCC = 5 V, IF = 40mA
Notes:
1.
The distance from the assembly face to the reflective surface is “d”.
2.
Reflective surface is Eastman Kodak (Catalog #190 3061) neutral white test card with 90% diffuse reflectance as a reflecting surface.
3.
Crosstalk is the photocurrent measured with current to the input diode, no reflective surface and no ambient light (EE = 0).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com