Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB708 Datasheet(PDF) 5 Page - TT Electronics.

Part # OPB708
Description  Reflective Obiect Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB708 Datasheet(HTML) 5 Page - TT Electronics.

  OPB708 Datasheet HTML 1Page - TT Electronics. OPB708 Datasheet HTML 2Page - TT Electronics. OPB708 Datasheet HTML 3Page - TT Electronics. OPB708 Datasheet HTML 4Page - TT Electronics. OPB708 Datasheet HTML 5Page - TT Electronics. OPB708 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
OPB708 - Output vs Forward Current vs Temp
0.00
0.50
1.00
1.50
2.00
2.50
0.00
5.00
10.00
15.00
20.00 25.00
30.00 35.00
40.00
Forward Current (mA)
-40° C
-20° C
0° C
20° C
40° C
60° C
80° C
Normalized Collector Current at 20mA and 20°C
OPB708 - Output vs Distance
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
0.00 0.10 0.20 0.30 0.40 0.50 0.60 0.70 0.80 0.90 1.00
Distance (inches)
Kodak 90%
Kodak 19%
Copier Paper
Avery Label
Retro Material
Normalized at 0.150" Kodak 90%
0.90
1.00
1.10
1.20
1.30
1.40
1.50
0
5
10
15
20
25
30
35
40
T
yp
ic
a
lF
o
rw
a
rd
V
o
lt
a
g
e
Forward Current (mA)
-40° C
-20° C
0° C
20° C
40° C
60° C
80° C
LED Forward Voltage vs Forward Current vs
Temperature
Transistor Output vs Distance
Transistor Output vs Forward Current vs
Temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com