Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB708 Datasheet(PDF) 1 Page - TT Electronics.

Part # OPB708
Description  Reflective Obiect Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB708 Datasheet(HTML) 1 Page - TT Electronics.

  OPB708 Datasheet HTML 1Page - TT Electronics. OPB708 Datasheet HTML 2Page - TT Electronics. OPB708 Datasheet HTML 3Page - TT Electronics. OPB708 Datasheet HTML 4Page - TT Electronics. OPB708 Datasheet HTML 5Page - TT Electronics. OPB708 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Each reflective object sensor in the OPB708, OPB709, OPB740 through OPB746 and OPB740WZ through OPB746WZ series
consists of an infrared emitting diode and a NPN silicon phototransistor or a photodarlington. The OPB747WZ and
OPB748WZ consist of a Red visible LED and a low light level rejection (RBE) NPN silicon phototransistor. The Red LED allows
better contrast ratio when detecting Black marks on a White surface. All these devices are mounted side-by-side on
converging optical axes in a black plastic housing focusing on a small area and depth of field.
OPB7 _ _ WZ series are wired (UL approved wire) devices that offer various lens options, including no windows, blue
polysulfone windows for dust protection or opaque aperture windows with offset openings for improved target resolution.
On each sensor included in this data sheet, the photosensor responds to radiation only when a reflective object passes
within its field of view.
Custom IC(ON) current binning, special wire lengths and connectorization is available through your OPTEK rep.
 Non-contact reflective object sensor
 Assembly line automation
 Machine automation
 Machine safety
 End of travel sensor
 Door sensor
 Thermal Paper Mark
 Focused for maximum sensitivity
 Phototransistor or photodarlington output
 Crosstalk does not exceed specified ICEO
 24” (610 mm) wire length
 26 AWG wire size
OPB7_ _WZ
Series
OPB708,
OPB709,
OPB740,
OPB745
Series
Part
Number
LED Peak
Wavelength
Sensor
Reflection
Distance
Inch (mm)
Lead Length/
Wire Type
OPB708
935 nm
Transistor
Min=0.08” [2.04mm]
Typ=0.15" [3.81mm]
Max=0.30” [7.62mm]
0.150"
Minimum
OPB709
Darlington
OPB740
890 nm
Transistor
OPB741
OPB742
OPB743
OPB744
OPB745
Darlington
OPB740WZ
Transistor
24" / 26
AWG Wire
OPB741WZ
OPB742WZ
OPB743WZ
OPB744WZ
OPB745WZ
Darlington
OPB746WZ
935 nm
RBE Transistor
OPB747WZ
645nm
OPB748WZ
Transistor
CONTAINS POLYSULFONE
To avoid stress cracking, we suggest using
ND Industries’ Vibra-Tite for thread-locking.
Vibra-Tite evaporates fast without causing structural
failure in OPTEK’s molded plastics.
Applies to: OPB460, OPB470, OPB480, OPB490.
RoHS


Similar Part No. - OPB708

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB708 OPTEK-OPB708 Datasheet
360Kb / 4P
Reflective Object Sensors
OPB708 OPTEK-OPB708 Datasheet
127Kb / 4P
REFLECTIVE OBJECT SENSORS
OPB7081 OPTEK-OPB7081 Datasheet
360Kb / 4P
Reflective Object Sensors
OPB708 OPTEK-OPB708_14 Datasheet
209Kb / 6P
Reflective Object Sensor
1/16
More results

Similar Description - OPB708

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPR5005 OPTEK-OPR5005 Datasheet
191Kb / 2P
SMD REFLECTIVE SENSOR
logo
Honeywell Solid State E...
HOA1180 HONEYWELL-HOA1180 Datasheet
329Kb / 2P
Reflective Sensor
logo
OPTEK Technologies
OPB745 OPTEK-OPB745 Datasheet
217Kb / 2P
REFLECTIVE OBJECT SENSOR
logo
Honeywell Solid State E...
HOA1405 HONEYWELL-HOA1405 Datasheet
387Kb / 4P
Reflective Sensor
HOA0709-011 HONEYWELL-HOA0709-011 Datasheet
437Kb / 4P
Reflective Sensor
logo
Honeywell Accelerometer...
HOA2498-002 HONEYWELL-ACC-HOA2498-002 Datasheet
419Kb / 4P
Reflective Sensor
logo
OPTEK Technologies
OPB750 OPTEK-OPB750_14 Datasheet
165Kb / 4P
Reflective Object Sensor
logo
Honeywell Accelerometer...
HOA0709-001 HONEYWELL-ACC-HOA0709-001 Datasheet
437Kb / 4P
Reflective Sensor
HOA1404 HONEYWELL-ACC-HOA1404 Datasheet
441Kb / 4P
Reflective Sensor
logo
TT Electronics.
OPB715 TTELEC-OPB715 Datasheet
961Kb / 4P
Photologic Reflective Obiect Sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com