Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB708 Datasheet(PDF) 3 Page - TT Electronics.

Part # OPB708
Description  Reflective Obiect Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB708 Datasheet(HTML) 3 Page - TT Electronics.

  OPB708 Datasheet HTML 1Page - TT Electronics. OPB708 Datasheet HTML 2Page - TT Electronics. OPB708 Datasheet HTML 3Page - TT Electronics. OPB708 Datasheet HTML 4Page - TT Electronics. OPB708 Datasheet HTML 5Page - TT Electronics. OPB708 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Operating and Storage Temperature Range
OPB708, OP709, OPB740, OPB741, OPB742, OPB743, OPB744, OPB745
OPB741WZ, OPB742WZ, OPB743WZ, OPB744WZ, OPB745WZ, OPB746WZ, OPB747WZ, OPB748WZ
-40° C to +85° C
-40° C to +80° C
Lead Soldering Temperature [1/16 inch (1.6mm) from the case for 5 sec. with soldering iron]
(1)
260°C
Input Diode (See OP165 (935 nm), OP265 (890 nm) or OVLAS6CB8 (645 nm) for additional information)
Forward DC Current
40 mA
Reverse DC Voltage
2 V
Power Dissipation
(2)
100 mW
Sensor Output (See OP505 (Transistor), OP705 (RBE Transistor) or OP535 (Darlington) for additional Information)
Collector-Emitter Voltage
OPB708
OPB709
OPB740, OPB741, OPB742, OPB743, OPB744
OPB740WZ, OPB741WZ, OPB742WZ, OPB743WZ, OPB744WZ OPB748WZ
OPB745
OPB745WZ
OPB746WZ, OPB747WZ
30 V
15 V
30 V
30 V
15 V
15 V
24 V
Emitter-Collector Voltage
OPB708 through OPB745, OPB748
OPB746 through OPB747
5.0 V
0.4 V
Power Dissipation
(2)
100 mW
645 nm LED (See OVLAS6CB8 for generic information — for reference only)
VF
Forward Voltage
-
-
2.6
V
IF = 20 mA
IR
Reverse Current
-
-
100
µA
VR = 2 V
890 nm LED (See OP265 for additional information — for reference only)
VF
Forward Voltage
-
-
1.8
V
IF = 40 mA
IR
Reverse Current
-
-
100
µA
VR = 2 V
935 nm LED (See OP165 for additional information — for reference only)
VF
Forward Voltage
-
-
1.7
V
IF = 40 mA
IR
Reverse Current
-
-
100
µA
VR = 2 V
Notes:
1.
RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
2.
Derate linearly 1.33 mW° C above 25° C.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com