Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8698ARM-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8698ARM-R2
Description  Dual Precision, Rail-to-Rail Output Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8698ARM-R2 Datasheet(HTML) 4 Page - Analog Devices

  AD8698ARM-R2 Datasheet HTML 1Page - Analog Devices AD8698ARM-R2 Datasheet HTML 2Page - Analog Devices AD8698ARM-R2 Datasheet HTML 3Page - Analog Devices AD8698ARM-R2 Datasheet HTML 4Page - Analog Devices AD8698ARM-R2 Datasheet HTML 5Page - Analog Devices AD8698ARM-R2 Datasheet HTML 6Page - Analog Devices AD8698ARM-R2 Datasheet HTML 7Page - Analog Devices AD8698ARM-R2 Datasheet HTML 8Page - Analog Devices AD8698ARM-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8698
Rev. 0 | Page 4 of 20
VS = ±2.5 V, VCM = 0 V (@TA = 25oC, unless otherwise noted.)
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
20
100
µV
−40°C < TA < +85°C
300
µV
Offset Voltage Drift
∆V
OS
/
∆T
−40°C < TA < +85°C
2
µV/°C
Input Bias Current
IB
700
pA
−40°C < TA < +85°C
1500
pA
Input Offset Current
IOS
700
pA
−40°C < TA < +85°C
1500
pA
Input Voltage Range
IVR
−40°C < TA < +85°C
−1.5
+1.5
V
Common-Mode Rejection Ratio
CMRR
VCM = ±13.5 V
105
120
dB
Large Signal Voltage Gain
AVO
RL = 2 k
Ω, VO = ±13.5 V
600
1200
V/mV
Input Capacitance
CDIFF
6.4
pF
CCM
4.6
pF
OUTPUT CHARACTERISTICS
Output Voltage Swing
(Ref. to GND)
VOH
IL = 1 mA,
−40°C < TA < +85°C
2.35
2.44
V
VOH
IL = 5 mA,
−40°C < TA < +85°C
2.1
2.29
V
(Ref. to GND)
VOL
IL = 1 mA,
−40°C < TA < +85°C
−2.43
−2.2
V
VOL
IL = 5 mA, TA = 25°C
−2.15
−1.9
V
IL= 5mA,
−40°C<TA<+85°C
−1.6
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
±2.5 V < VS < ±15 V
114
132
dB
Supply Current
ISY
VO = 0 V
2.3
2.8
mA
−40°C < TA < +85°C
3.3
mA
Supply Voltage
Vs
−40°C < TA < +85°C
±2.5
±15
V
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 k
Ω
0.4
V/µs
Gain Bandwidth Product
GBP
1
MHz
Phase Margin
Øo
60
Degrees
NOISE PERFORMANCE
Input Noise Voltage
en p-p
0.1 Hz < f < 10Hz
0.6
µV p-p
Input Voltage Noise Density
en
f = 10 Hz
15
nV/
√Hz
Input Voltage Noise Density
en
f =1 kHz
8
nV/
√Hz
Current Noise Density
in
f = 1 kHz
0.2
pA/
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com