Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8698ARM-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8698ARM-R2
Description  Dual Precision, Rail-to-Rail Output Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8698ARM-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8698ARM-R2 Datasheet HTML 5Page - Analog Devices AD8698ARM-R2 Datasheet HTML 6Page - Analog Devices AD8698ARM-R2 Datasheet HTML 7Page - Analog Devices AD8698ARM-R2 Datasheet HTML 8Page - Analog Devices AD8698ARM-R2 Datasheet HTML 9Page - Analog Devices AD8698ARM-R2 Datasheet HTML 10Page - Analog Devices AD8698ARM-R2 Datasheet HTML 11Page - Analog Devices AD8698ARM-R2 Datasheet HTML 12Page - Analog Devices AD8698ARM-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8698
Rev. 0 | Page 9 of 20
14.60
14.65
14.70
14.75
14.80
14.85
14.90
20
0
–40
–20
–60
40
60
80
100
TEMPERATURE (°C)
VS = ±15V
IL = 5mA
VOH
–VOL
Figure 20. Output Voltage Swing vs. Temperature
–30
–20
–10
0
10
20
30
20
0
–40
–20
–60
40
60
80
100
TEMPERATURE (°C)
VS = ±15V
Figure 21.
∆ Offset Voltage vs. Temperature
120
125
130
135
140
145
150
155
20
0
–40
–20
–60
40
60
80
100
TEMPERATURE (°C)
VS = ±15V
Figure 22. CMRR vs. Temperature
130
132
134
136
138
140
20
0
–40
–20
–60
40
60
80
100
TEMPERATURE (°C)
VS = ±15V
Figure 23. PSRR vs. Temperature
–100
–50
0
50
100
20
0
–40
–20
–60
40
60
80
100
TEMPERATURE (°C)
VS = ±15V
Figure 24.
∆ Input Bias Current vs. Temperature
0
1
2
3
4
5
6
LOAD CURRENT (mA)
5
010
15
20
VS = ±15V
VOL
VOH
Figure 25.
∆ Output Voltage Swing from Rails vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com