Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8698ARM-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8698ARM-R2
Description  Dual Precision, Rail-to-Rail Output Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8698ARM-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8698ARM-R2 Datasheet HTML 12Page - Analog Devices AD8698ARM-R2 Datasheet HTML 13Page - Analog Devices AD8698ARM-R2 Datasheet HTML 14Page - Analog Devices AD8698ARM-R2 Datasheet HTML 15Page - Analog Devices AD8698ARM-R2 Datasheet HTML 16Page - Analog Devices AD8698ARM-R2 Datasheet HTML 17Page - Analog Devices AD8698ARM-R2 Datasheet HTML 18Page - Analog Devices AD8698ARM-R2 Datasheet HTML 19Page - Analog Devices AD8698ARM-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD8698
Rev. 0 | Page 16 of 20
LOW NOISE APPLICATIONS
In some applications, it is critical to minimize the noise, and
although the AD8698 has a low noise of typically 8 nV/√Hz at
1 kHz, paralleling the two amplifiers within the same package
reduces the total noise referred to the input to approximately
5.5 nV/√Hz. This simple technique is depicted in Figure 55.
V–
V+
V+
R4
10k
Ω
V–
R2
10k
Ω
VOUT
VIN
R3
1k
Ω
R1
1k
Ω
R5
100
Ω
R3
100
Ω
Figure 55. Paralleling Amplifiers
DRIVING ADCs
The AD8698 can drive extremely heavy capacitive loads
without any compensation. Sometimes capacitors are placed at
the output of the amplifier to absorb transient currents while
the op amp is interfaced with the ADC. Most op amps need a
small resistor with the output to isolate the load capacitance.
This results in a loss of bandwidth and slows the amplifier
down substantially. However, the AD8698 maintains a unity
gain bandwidth of 1 MHz with loads of up to 1 nF, as shown in
Figure 52.
USING THE AD8698 IN ACTIVE FILTER DESIGNS
The AD8698 is recommended for unity gain filter designs with
a corner frequency of up to 100 kHz, one tenth of the op amp’s
unity gain bandwidth.
If a higher gain is desired, the corner frequency should be
chosen accordingly. For example, if the amplifier is configured
with a gain of 10, the corner frequency of the filter should not
be more than 10 kHz.
An example of an active filter is the Sallen Key. This topology
gives the user the flexibility of implementing a low-pass or a
high-pass filter by simply interchanging the resistors and the
capacitors.
In the high-pass filter of Figure 56, the damping factor Q is set
to 1/√2 for a maximally flat response (Butterworth).
The gain is unity and the bandwidth is 10 kHz with the values
shown.
V–
V+
R2
22k
Ω
R1
11k
Ω
C1
1nF
C2
1nF
VIN
Figure 56. Two Pole High-Pass Filter
V–
V+
R2
11k
Ω
R1
11k
Ω
C1
2nF
C2
1nF
VIN
Figure 57. Two Pole Low-Pass Filter
The circuit of Figure 57 has a bandwidth of 10 kHz and a
maximally flat response. In this case, the damping factor is
controlled by the ratio of the capacitors and the gain is unity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com