Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8698ARM-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8698ARM-R2
Description  Dual Precision, Rail-to-Rail Output Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8698ARM-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8698ARM-R2 Datasheet HTML 6Page - Analog Devices AD8698ARM-R2 Datasheet HTML 7Page - Analog Devices AD8698ARM-R2 Datasheet HTML 8Page - Analog Devices AD8698ARM-R2 Datasheet HTML 9Page - Analog Devices AD8698ARM-R2 Datasheet HTML 10Page - Analog Devices AD8698ARM-R2 Datasheet HTML 11Page - Analog Devices AD8698ARM-R2 Datasheet HTML 12Page - Analog Devices AD8698ARM-R2 Datasheet HTML 13Page - Analog Devices AD8698ARM-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8698
Rev. 0 | Page 10 of 20
1.5
2.0
2.5
3.0
3.5
20
0
–40
–20
–60
40
60
80
100
TEMPERATURE (°C)
VS = ±15V
Figure 26. Supply Current vs. Temperature
–140
–120
–100
–80
–60
–40
–20
0
FREQUENCY (Hz)
10k
1k
100k
1M
10M
VS = ±15V
Figure 27. Channel Separation
0
10
20
30
40
50
60
70
–100 –80 –60 –40 –20
0
40
80
20
60
100
VOS (µV)
VS = ±2.5V
Figure 28. Offset Voltage Distribution
–40
–20
0
20
40
60
80
100
–90
–45
0
45
90
135
180
225
FREQUENCY (Hz)
10k
1M
100k
10M
VS = ±2.5V
Figure 29. Open-Loop Gain and Phase vs. Frequency
0
15
30
45
60
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VS = ±2.5V
AV = 100
AV = 1
AV = 10
Figure 30. Output Impedance vs. Frequency
VS = ±2.5V
VIN = 2V p-p
CL = 1nF
0
TIME (100
µs/DIV)
Figure 31. Large Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com