Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7760ARS Datasheet(PDF) 1 Page - Analog Devices

Part # ADE7760ARS
Description  Energy Metering IC with On-Chip Fault Detection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7760ARS Datasheet(HTML) 1 Page - Analog Devices

  ADE7760ARS Datasheet HTML 1Page - Analog Devices ADE7760ARS Datasheet HTML 2Page - Analog Devices ADE7760ARS Datasheet HTML 3Page - Analog Devices ADE7760ARS Datasheet HTML 4Page - Analog Devices ADE7760ARS Datasheet HTML 5Page - Analog Devices ADE7760ARS Datasheet HTML 6Page - Analog Devices ADE7760ARS Datasheet HTML 7Page - Analog Devices ADE7760ARS Datasheet HTML 8Page - Analog Devices ADE7760ARS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Energy Metering IC with
On-Chip Fault Detection
ADE7760
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
High accuracy active energy measurement IC, supports
IEC 687/61036
Less than 0.1% error over a dynamic range of 500 to 1
Supplies active power on the frequency outputs F1 and F2
High frequency output CF is intended for calibration and
supplies instantaneous active power
Continuous monitoring of the phase and neutral current
allows fault detection in 2-wire distribution systems
Current channels input level best suited for current
transformer sensors
Uses the larger of the two currents (phase or neutral) to
bill—even during a fault condition
Two logic outputs (FAULT and REVP) can be used to indicate
a potential miswiring or fault condition
Direct drive for electromechanical counters and 2-phase
stepper motors (F1 and F2)
Proprietary ADCs and DSP provide high accuracy over large
variations in environmental conditions and time
Reference 2.5 V ± 8% (drift 30 ppm/°C typical) with external
overdrive capability
Single 5 V supply, low power
GENERAL DESCRIPTION
The ADE7760 is a high accuracy, fault tolerant, electrical energy
measurement IC intended for use with 2-wire distribution
systems. The part specifications surpass the accuracy require-
ments as quoted in the IEC61036 standard.
The only analog circuitry used on the ADE7760 is in the ADCs
and reference circuit. All other signal processing (such as multi-
plication and filtering) is carried out in the digital domain. This
approach provides superior stability and accuracy over extremes
in environmental conditions and over time.
The ADE7760 incorporates a fault detection scheme similar to
the ADE7751 by continuously monitoring both the phase and
neutral currents. A fault is indicated when these currents differ
by more than 6.25%.
The ADE7760 supplies average active power information on the
low frequency outputs F1 and F2. The CF logic output gives
instantaneous active power information.
The ADE7760 includes a power supply monitoring circuit on
the VDD supply pin. Internal phase-matching circuitry ensures
that the voltage and current channels are matched. An internal
no-load threshold ensures that the ADE7760 does not exhibit
any creep when there is no load.
FUNCTIONAL BLOCK DIAGRAM
ADC
6
5
V2P
V2N
ADC
4
3
V1B
ADC
2
V1A
AGND
V1N
2.5V
REFERENCE
INTERNAL
OSCILLATOR
9
14
17
10
11
12
B>A
A<>B
A>B
ADE7760
SIGNAL PROCESSING BLOCK
FAULT
15
8
VDD
1
POWER
SUPPLY MONITOR
DIGITAL-TO-FREQUENCY CONVERTER
16
18
19
20
F1
F2
CF
REVP
S0
S1
SCF
DGND
RCLKIN
REFIN/OUT
HPF
LPF
4k
Ω
Figure 1.


Similar Part No. - ADE7760ARS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7760 AD-ADE7760_15 Datasheet
530Kb / 24P
Energy Metering IC with On-Chip Fault Detection
REV. 0
More results

Similar Description - ADE7760ARS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7751 AD-AD7751 Datasheet
249Kb / 16P
Energy Metering IC With On-Chip Fault Detection
REV.A
ADE7751 AD-ADE7751 Datasheet
422Kb / 16P
Energy Metering IC with On-Chip Fault Detection
REV.0
ADE7761 AD-ADE7761 Datasheet
326Kb / 28P
Energy Metering IC with On-Chip Fault and Missing Neutral Detection
2/04-Changed from Rev. 0 to Rev. A.
ADE7761A AD-ADE7761A Datasheet
518Kb / 24P
Energy Metering IC with On-Chip Fault and Missing Neutral Detection
7/06-Revision 0
ADE7761B AD-ADE7761B Datasheet
533Kb / 24P
Energy Metering IC with On-Chip Fault and Missing Neutral Detection
REV. 0
ADE7751ARSZ AD-ADE7751ARSZ Datasheet
379Kb / 16P
Energy Metering IC with On-Chip Fault Detection
REV. 0
AD7751 AD-AD7751_15 Datasheet
187Kb / 14P
Energy Metering IC with On-Chip Fault Detection
REV. 0
ADE7760 AD-ADE7760_15 Datasheet
530Kb / 24P
Energy Metering IC with On-Chip Fault Detection
REV. 0
ADE7761 AD-ADE7761_15 Datasheet
980Kb / 28P
Energy Metering IC with On-Chip Fault and Missing Neutral Detection
REV. A
ADE7761A AD-ADE7761A_15 Datasheet
518Kb / 24P
Energy Metering IC with On-Chip Fault and Missing Neutral Detection
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com