Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7760ARS Datasheet(PDF) 9 Page - Analog Devices

Part # ADE7760ARS
Description  Energy Metering IC with On-Chip Fault Detection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7760ARS Datasheet(HTML) 9 Page - Analog Devices

Back Button ADE7760ARS Datasheet HTML 5Page - Analog Devices ADE7760ARS Datasheet HTML 6Page - Analog Devices ADE7760ARS Datasheet HTML 7Page - Analog Devices ADE7760ARS Datasheet HTML 8Page - Analog Devices ADE7760ARS Datasheet HTML 9Page - Analog Devices ADE7760ARS Datasheet HTML 10Page - Analog Devices ADE7760ARS Datasheet HTML 11Page - Analog Devices ADE7760ARS Datasheet HTML 12Page - Analog Devices ADE7760ARS Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADE7760
Rev. 0 | Page 9 of 24
Pin No.
Mnemonic
Description
15
FAULT
This logic output goes active high when a fault condition occurs. A fault is defined as a condition under
which the signals on V1A and V1B differ by more than 6.25%. The logic output is reset to zero when a fault
condition is no longer detected. See the Fault Detection section.
16
REVP
This logic output goes logic high when negative power is detected, that is, when the phase angle
between the voltage and current signals is greater than 90°. This output is not latched and is reset when
positive power is once again detected. The output goes high or low at the same time as a pulse is issued
on CF.
17
DGND
This pin provides the ground reference for the digital circuitry in the ADE7760, that is, multiplier, filters,
and digital-to-frequency converter. This pin should be tied to the digital ground plane of the PCB. The
digital ground plane is the ground reference for all digital circuitry such as counters (mechanical and
digital), MCUs, and indicator LEDs. For good noise suppression, the analog ground plane should be
connected only to the digital ground plane at the DGND pin.
18
CF
Calibration Frequency Logic Output. The CF logic output, active high, gives instantaneous active power
information. This output is intended to be used for operational and calibration purposes. See the Digital-
to-Frequency Conversion section.
19, 20
F2, F1
Low Frequency Logic Outputs. F1 and F2 supply average active power information. The logic outputs
can be used to directly drive electromechanical counters and 2-phase stepper motors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com