Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7760ARS Datasheet(PDF) 14 Page - Analog Devices

Part # ADE7760ARS
Description  Energy Metering IC with On-Chip Fault Detection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7760ARS Datasheet(HTML) 14 Page - Analog Devices

Back Button ADE7760ARS Datasheet HTML 10Page - Analog Devices ADE7760ARS Datasheet HTML 11Page - Analog Devices ADE7760ARS Datasheet HTML 12Page - Analog Devices ADE7760ARS Datasheet HTML 13Page - Analog Devices ADE7760ARS Datasheet HTML 14Page - Analog Devices ADE7760ARS Datasheet HTML 15Page - Analog Devices ADE7760ARS Datasheet HTML 16Page - Analog Devices ADE7760ARS Datasheet HTML 17Page - Analog Devices ADE7760ARS Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADE7760
Rev. 0 | Page 14 of 24
Power Factor Considerations
The method used to extract the active power information from
the instantaneous power signal (by low-pass filtering) is still
valid even when the voltage and current signals are not in
phase. Figure 18 displays the unity power factor condition and
a displacement power factor (DPF = 0.5), that is, current signal
lagging the voltage by 60°. If one assumes the voltage and
current waveforms are sinusoidal, the active power component
of the instantaneous power signal (dc term) is given by
(V × I/2) × cos(60°). This is the correct active power calculation.
INSTANTANEOUS
POWER SIGNAL
INSTANTANEOUS
ACTIVE POWER SIGNAL
INSTANTANEOUS
POWER SIGNAL
INSTANTANEOUS
ACTIVE POWER SIGNAL
60°
CURRENT
CURRENT
VOLTAGE
0V
0V
VOLTAGE
V× I
2
V× I
2
× cos(60°)
Figure 18. Active Power Calculation over PF
Nonsinusoidal Voltage and Current
The active power calculation method also holds true for
nonsinusoidal current and voltage waveforms. All voltage and
current waveforms in practical applications have some har-
monic content. Using the Fourier transform, instantaneous
voltage and current waveforms can be expressed in terms of
their harmonic content:
)
sin(
2
)
(
0
h
h
h
o
t
h
V
V
t
V
α
+
ω
×
×
+
=
(1)
where:
v(t)
is the instantaneous voltage.
Vh
is the rms value of voltage harmonic h.
αh
is the phase angle of the voltage harmonic.
)
sin(
2
)
(
0
h
h
h
o
t
h
I
I
t
i
β
+
ω
×
×
+
=
(2)
where:
i(t)
is the instantaneous current.
IO
is the dc component.
Ih
is the rms value of current harmonic h.
βh
is the phase angle of the current harmonic.
Using Equations 1 and 2, the active power P can be expressed in
terms of its fundamental active power (P1) and harmonic active
power (PH):
H
1
P
P
P
+
=
where:
1
1
1
1
1
1
1
I
V
P
β
α
=
Φ
Φ
×
=
)
cos(
(3)
and
h
h
h
h
h
h
h
H
I
V
P
β
α
=
Φ
Φ
×
×
=
=
)
cos(
2
(4)
As can be seen from Equation 4, a harmonic active power
component is generated for every harmonic, provided that
harmonic is present in both the voltage and current waveforms.
The power factor calculation has previously been shown to be
accurate in the case of a pure sinusoid; therefore, the harmonic
active power must also correctly account for power factor,
because it is made up of a series of pure sinusoids.
Note that the input bandwidth of the analog inputs is 7 kHz
with the internal oscillator frequency of 450 kHz.
HPF and Offset Effects
Equation 5 shows the effect of offset on the active power
calculation. Figure 19 shows the effect of offsets on the active
power calculation in the frequency domain.
)
cos(
)
cos(
2
))
cos(
(
))
cos(
(
)
(
)
(
0
0
1
1
0
t
I
V
t
I
V
I
V
I
V
t
I
I
t
V
V
t
I
t
V
1
1
1
0
1
1
0
ω
×
×
+
ω
×
×
+
×
+
×
=
ω
×
+
×
ω
×
+
=
×
(5)
As can be seen from Equation 5 and Figure 19, an offset on
Channel 1 and Channel 2 contributes a dc component after
multiplication. Because this dc component is extracted by the
LPF and used to generate the active power information, the
offsets contribute a constant error to the active power calcula-
tion. This problem is easily avoided in the ADE7760 with the
HPF in Channel 1. By removing the offset from at least one
channel, no error component can be generated at dc by the
multiplication. Error terms at cos(ωt) are removed by the LPF
and the digital-to-frequency conversion (see the Digital-to-
Frequency Conversion section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com