Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7760ARS Datasheet(PDF) 17 Page - Analog Devices

Part # ADE7760ARS
Description  Energy Metering IC with On-Chip Fault Detection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7760ARS Datasheet(HTML) 17 Page - Analog Devices

Back Button ADE7760ARS Datasheet HTML 13Page - Analog Devices ADE7760ARS Datasheet HTML 14Page - Analog Devices ADE7760ARS Datasheet HTML 15Page - Analog Devices ADE7760ARS Datasheet HTML 16Page - Analog Devices ADE7760ARS Datasheet HTML 17Page - Analog Devices ADE7760ARS Datasheet HTML 18Page - Analog Devices ADE7760ARS Datasheet HTML 19Page - Analog Devices ADE7760ARS Datasheet HTML 20Page - Analog Devices ADE7760ARS Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADE7760
Rev. 0 | Page 17 of 24
Note that if the on-chip reference is used, actual output
frequencies may vary from device to device due to reference
tolerance of ±8%.
Hz
0
.
22
64
Hz
34
.
0
5
.
2
2
2
Hz
72
.
1
66
.
0
66
.
0
70
.
5
2
=
×
=
=
×
×
×
×
×
=
2
1
2
1
F
F
Frequency
CF
Frequency
F
F
As can be seen from these two example calculations, the
maximum output frequency for ac inputs is always half of that
for dc input signals. Table 7 shows a complete listing of all
maximum output frequencies for ac signals.
Table 7. Maximum Output Frequency on CF, F1, and F2 for
AC inputs
SCF
S1
S0
F1, F2 Maximum
Frequency
(Hz)
CF Maximum
Frequency
(Hz)
CF to
F1
Ratio
1
0
0
0.34
43.52
128
0
0
0
0.34
21.76
64
1
0
1
0.68
43.52
64
0
0
1
0.68
21.76
32
1
1
0
1.36
43.52
32
0
1
0
1.36
21.76
16
1
1
1
2.72
43.52
16
0
1
1
2.72
5570
2048
FAULT DETECTION
The ADE7760 incorporates a novel fault detection scheme that
warns of fault conditions and allows the ADE7760 to continue
accurate billing during a fault event. The ADE7760 does this by
continuously monitoring both the phase and neutral (return)
currents. A fault is indicated when these currents differ by more
than 6.25%. However, even during a fault, the output pulse rate
on F1 and F2 is generated using the larger of the two currents.
Because the ADE7760 looks for a difference between the voltage
signals on V1A and V1B, it is important that both current
transducers be closely matched.
On power-up, the output pulse rate of the ADE7760 is pro-
portional to the product of the voltage signals on V1A and
Channel 2. If there is a difference of greater than 6.25% between
V1A and V1B on power-up, the fault indicator (FAULT) becomes
active after about 1 s. In addition, if V1B is greater than V1A, the
ADE7760 selects V1B as the input. The fault detection is
automatically disabled when the voltage signal on Channel 1 is
less than 0.3% of the full-scale input range. This eliminates false
detection of a fault due to noise at light loads.
Fault with Active Input Greater than Inactive Input
If V1A is the active current input (that is, is being used for
billing), and the voltage signal on V1B (inactive input) falls below
93.75% of V1A, the fault indicator becomes active. Both analog
inputs are filtered and averaged to prevent false triggering of
this logic output. As a consequence of the filtering, there is a
time delay of approximately 3 s on the logic output FAULT after
the fault event. The FAULT logic output is independent of any
activity on outputs F1 or F2. Figure 23 shows one condition
under which FAULT becomes active. Because V1A is the active
input and it is still greater than V1B, billing is maintained on V1A,
that is, no swap to the V1B input occurs. V1A remains the active
input.
V1B
V1N
V1A
AGND
FILTER
AND
COMPARE
TO
MULTIPLIER
FAULT
A
B
V1A
V1B
V1B < 93.75% OF V1A
>0
<0
ACTIVE POINT – INACTIVE INPUT
6.25% OF ACTIVE INPUT
0V
FAULT
V1A
V1B
Figure 23. Fault Conditions for Active Input Greater than Inactive Input
Fault with Inactive Input Greater than Active Input
Figure 24 illustrates another fault condition. If the difference
between V1B, the inactive input, and V1A, the active input (used
for billing), becomes greater than 6.25% of V1B, the FAULT
indicator goes active, and there is also a swap over to the V1B
input. The analog input V1B becomes the active input. Again,
there is a time constant of about 3 s associated with this swap.
V1A does not swap back to being the active channel until V1A is
greater than V1B and the difference between V1A and V1B—in this
order—becomes greater than 6.25% of V1A. The FAULT
indicator, however, becomes inactive as soon as V1A is within
6.25% of V1B. This threshold eliminates potential chatter
between V1A and V1B.
V1B
V1N
V1A
AGND
FILTER
AND
COMPARE
TO
MULTIPLIER
FAULT
A
B
V1A
V1B
V1A < 93.75% OF V1B
>0
<0
ACTIVE POINT – INACTIVE INPUT
6.25% OF INACTIVE INPUT
0V
FAULT + SWAP
V1A
V1B
Figure 24. Fault Conditions for Inactive Input Greater than Active Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com