Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC62FP3001LL Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC62FP3001LL
Description  Positive Voltage Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62FP3001LL Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC62FP3001LL Datasheet HTML 3Page - Torex Semiconductor XC62FP3001LL Datasheet HTML 4Page - Torex Semiconductor XC62FP3001LL Datasheet HTML 5Page - Torex Semiconductor XC62FP3001LL Datasheet HTML 6Page - Torex Semiconductor XC62FP3001LL Datasheet HTML 7Page - Torex Semiconductor XC62FP3001LL Datasheet HTML 8Page - Torex Semiconductor XC62FP3001LL Datasheet HTML 9Page - Torex Semiconductor XC62FP3001LL Datasheet HTML 10Page - Torex Semiconductor XC62FP3001LL Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Ta=25
°C
XC62FP3002 VOUT(T)=3.0V (Note1)
PARAMETER
SYMBOL
CONDITIONS
Output Voltage
VOUT (E) (Note2)
IOUT=40mA
VIN=4.0V
Load Stability
∆VOUT
Input -Output
Voltage Differential (Note3)
Maximum Output Current
IOUT max
VIN=4.0V, VOUT(E)
≥ 2.7V
VIN=4.0V
1mA
≤ IOUT ≤ 80mA
Ta=25
°C
XC62FP2002 VOUT(T)=2.0V (Note1)
PARAMETER
SYMBOL
CONDITIONS
Output Voltage
VOUT (E) (Note2)
IOUT=40mA
VIN=3.0V
Load Stability
∆VOUT
Input -Output
Voltage Differential (Note3)
Maximum Output Current
IOUT max
VIN=3.0V, VOUT(E)
≥ 1.8V
VIN=3.0V
1mA
≤ IOUT ≤ 60mA
MIN
2.940
2.0
150
TYP
3.000
45
90
MAX
3.060
4.5
UNITS
V
mV
µA
mA
CIRCUIT
1
1
0.2
0.3
%/V
1
2
1
180
360
mV
1
Vdif1
IOUT=80mA
700
400
mV
1
Vdif2
IOUT=160mA
VIN=4.0V
Supply Current
ISS
10
V
—
Input Voltage
VIN
Input Stability
IOUT=40mA
4.0V
≤ VIN ≤ 10.0V
∆VOUT
∆VIN • VOUT
±100
ppm/
°C
1
Output Voltage
Temperature Characteristics
IOUT=40mA
-40
°C ≤ Topr ≤ 85°C
∆VOUT
∆Topr • VOUT
MIN
1.960
2.0
100
TYP
2.000
45
90
MAX
2.040
4.5
UNITS
V
mV
µA
mA
CIRCUIT
1
1
0.2
0.3
%/V
1
2
1
180
360
mV
1
Vdif1
IOUT=60mA
700
400
mV
1
Vdif2
IOUT=120mA
VIN=3.0V
Supply Current
ISS
10
V
—
Input Voltage
VIN
Input Stability
IOUT=40mA
3.0V
≤ VIN ≤ 10.0V
∆VOUT
∆VIN • VOUT
±100
ppm/
°C
1
Output Voltage
Temperature Characteristics
IOUT=40mA
-40
°C ≤ Topr ≤ 85°C
∆VOUT
∆Topr • VOUT
1. VOUT(T)=Specified Output Voltage .
2. VOUT(E)=Effective Output Voltage (i.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value).
3. Vdif= {VIN1 (Note4)-VOUT (E)}
4. VIN1= The input voltage at the time 98% of VOUT(E) is output (input voltage has been gradually reduced).
Note:
XC62FP
Series
291
3
03S_05XC62FP 02.9.12 3:01 PM ページ 291



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com