Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC62FP3001LL Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC62FP3001LL
Description  Positive Voltage Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62FP3001LL Datasheet(HTML) 4 Page - Torex Semiconductor

  XC62FP3001LL Datasheet HTML 1Page - Torex Semiconductor XC62FP3001LL Datasheet HTML 2Page - Torex Semiconductor XC62FP3001LL Datasheet HTML 3Page - Torex Semiconductor XC62FP3001LL Datasheet HTML 4Page - Torex Semiconductor XC62FP3001LL Datasheet HTML 5Page - Torex Semiconductor XC62FP3001LL Datasheet HTML 6Page - Torex Semiconductor XC62FP3001LL Datasheet HTML 7Page - Torex Semiconductor XC62FP3001LL Datasheet HTML 8Page - Torex Semiconductor XC62FP3001LL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
XC62FP Series
288
3
■Marking
GSOT-23, SOT-89
q Represents the integer of the Output Voltage
SYMBOL
VOLTAGE(V)
2
2.w
1
1.w
4
4.w
3
3.w
SYMBOL
VOLTAGE(V)
6
6.w
5
5.w
w Represents the decimal number of the Output Voltage
SYMBOL
VOLTAGE(V)
SYMBOL
VOLTAGE(V)
B
q.1
H
A
q.0
F
D
q.3
L
q.8
C
q.2
q.6
q.5
q.7
K
E
q.4
M
q.9
r Represents the assembly lot no.
Based on internal standards
SYMBOL
0
e Based on internal standards
SOT-23
(TOP VIEW)
SOT-89
(TOP VIEW)
1 2 3 4
GTO-92
3.7±0.3
0.4±0.05
4.65
0.45±0.1
2.5
+0.4
-0.1
2.5
+0.4
-0.1
+0.35
-0.45
03S_05XC62FP 02.9.12 3:01 PM ページ 288



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com