Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC62FP3001LL Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC62FP3001LL
Description  Positive Voltage Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62FP3001LL Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC62FP3001LL Datasheet HTML 4Page - Torex Semiconductor XC62FP3001LL Datasheet HTML 5Page - Torex Semiconductor XC62FP3001LL Datasheet HTML 6Page - Torex Semiconductor XC62FP3001LL Datasheet HTML 7Page - Torex Semiconductor XC62FP3001LL Datasheet HTML 8Page - Torex Semiconductor XC62FP3001LL Datasheet HTML 9Page - Torex Semiconductor XC62FP3001LL Datasheet HTML 10Page - Torex Semiconductor XC62FP3001LL Datasheet HTML 11Page - Torex Semiconductor XC62FP3001LL Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
XC62FP Series
292
3
■Typical Application Circuit
GStandard Circuit
■Directions for use
VIN
VIN
VOUT
Vss
RL
CIN
1
µF
(Tantalum)
CL
1
µF
(Tantalum)
GNotes on Use
1. Please use this IC within the stipulated absolute maximum ratings as the IC is liable to malfunction outside of such parameters.
2. There is a possibility that oscillation may occur as a result of the impedance present between the power supply and the IC's input. Where
impedance is 10
Ω or more, please use a capacitor (CIN) of at least 1µF.
With a large output current, operations can be stabilised by increasing capacitor size (CIN). If CIN is small and capacitor size (CL) is
increased, there is a possibility of oscillation due to input impedance.
In such cases, operations can be stabilised by either increasing the size of CIN or decreasing the size of CL.
3. Please ensure that output current (IOUT) is less than Pd ÷ (VIN -VOUT) and does not exceed the stipulated Continuous Total Power Dissipation
value (Pd) for the package.
4. Should you wish to increase output current (IOUT) and/or have the capability to exceed the stipulated Pd value, using a current boost circuit
(similar to the one shown below) is likely to lead to oscillation.
With such applications, we recommend use of a boost type voltage regulator, such as the Torex XC62EP series.
Current Boost Circuit : Poor Example
VIN
VOUT
Vss
RBE
IN
OUT
XC62FP
PNP Tr
CIN
(Tantalum)
CL
(Tantalum)
03S_05XC62FP 02.9.12 3:01 PM ページ 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com