Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC62FP3001LL Datasheet(PDF) 15 Page - Torex Semiconductor

Part # XC62FP3001LL
Description  Positive Voltage Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62FP3001LL Datasheet(HTML) 15 Page - Torex Semiconductor

Back Button XC62FP3001LL Datasheet HTML 8Page - Torex Semiconductor XC62FP3001LL Datasheet HTML 9Page - Torex Semiconductor XC62FP3001LL Datasheet HTML 10Page - Torex Semiconductor XC62FP3001LL Datasheet HTML 11Page - Torex Semiconductor XC62FP3001LL Datasheet HTML 12Page - Torex Semiconductor XC62FP3001LL Datasheet HTML 13Page - Torex Semiconductor XC62FP3001LL Datasheet HTML 14Page - Torex Semiconductor XC62FP3001LL Datasheet HTML 15Page - Torex Semiconductor XC62FP3001LL Datasheet HTML 16Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
(8) INPUT TRANSIENT RESPONSE 2
1
2
3
4
5
6
2.5
3.0
3.5
4.0
4.5
5.0
3
4
5
6
7
8
4.5
5.0
5.5
6.0
6.5
7.0
1
2
3
4
5
6
2.5
3.0
3.5
4.0
4.5
5.0
2
3
4
5
6
7
3.5
4.0
4.5
5.0
5.5
6.0
2
3
4
5
6
7
3.5
4.0
4.5
5.0
5.5
6.0
3
4
5
6
7
8
4.5
5.0
5.5
6.0
6.5
7.0
Time (1msec/div)
Time (1msec/div)
Time (1msec/div)
Time (1msec/div)
Time (1msec/div)
Time (1msec/div)
XC62FP5002 (5V)
XC62FP5002 (5V)
XC62FP4002 (4V)
XC62FP4002 (4V)
XC62FP3002 (3V)
XC62FP3002 (3V)
IOUT=1mA,CL=1
µF(tantalum)
IOUT=10mA,CL=1
µF(tantalum)
IOUT=10mA,CL=1
µF(tantalum)
IOUT=10mA,CL=1
µF(tantalum)
IOUT=1mA,CL=1
µF(tantalum)
IOUT=1mA,CL=1
µF(tantalum)
0
1
2
3
4
5
1.5
2.0
2.5
3.0
3.5
4.0
0
1
2
3
4
5
1.5
2.0
2.5
3.0
3.5
4.0
XC62FP2002 (2V)
XC62FP2002 (2V)
Time (1msec/div)
Time (1msec/div)
IOUT=1mA,CL=1
µF(tantalum)
IOUT=10mA,CL=1
µF(tantalum)
Output Voltage
Input Voltage
Output Voltage
Input Voltage
Output Voltage
Input Voltage
Output Voltage
Input Voltage
Output Voltage
Input Voltage
Output Voltage
Input Voltage
Output Voltage
Input Voltage
Output Voltage
Input Voltage
XC62FP
Series
299
3
03S_05XC62FP 02.9.12 3:01 PM ページ 299



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com