Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP9410F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SMP9410F
Description  Quad 10-Bit Nonvolatile DACPOT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SMP9410F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SMP9410F Datasheet HTML 1Page - List of Unclassifed Manufacturers SMP9410F Datasheet HTML 2Page - List of Unclassifed Manufacturers SMP9410F Datasheet HTML 3Page - List of Unclassifed Manufacturers SMP9410F Datasheet HTML 4Page - List of Unclassifed Manufacturers SMP9410F Datasheet HTML 5Page - List of Unclassifed Manufacturers SMP9410F Datasheet HTML 6Page - List of Unclassifed Manufacturers SMP9410F Datasheet HTML 7Page - List of Unclassifed Manufacturers SMP9410F Datasheet HTML 8Page - List of Unclassifed Manufacturers SMP9410F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
SMP9410
SUMMIT MICROELECTRONICS, Inc.
Preliminary Information
2056 2.0 10/04/02
PIN CONFIGURATION
NC
NC
1.25VREF
NC
VOUT0
NC
VOUT1
VOUT2
NC
VOUT3
NC
NC
NC
A2
NC
NC
A1
A0
NC
SDA
SCL
CS
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
2056 PCon-F
QFN
TQFP
INTRODUCTION
The device has four 10-Bit digital to analog converters that
are comprised of a resistor network that converts a digital
input into an equivalent analog output voltage in proportion
to the applied reference voltages. The voltage differential
between each VREFL and VREFH input pair sets the range
and full-scale output voltage for their respective DAC.
Each DAC has a 10-Bit nonvolatile register that can hold a
‘set-and-forget’ value that can be recalled whenever the
device is powered-on.
Each DAC has a 10-Bit volatile register that holds the
current digital value. The register can be set to any value
by the serial interface; commanded to load the zero scale
value, full scale value or mid-scale value; or can recall a
preset value stored in a nonvolatile register.
The device also has a nonvolatile configuration register that
is accessible over the 2-wire bus. The configuration register
is used to select the device type identifier and the DAC
power-on state.
The device uses the industry standard I2C 2-wire serial
protocol. The bus is designed for two-way, two-line serial
communication between different integrated circuits. The
two lines are the SCL (serial clock) and SDA (serial data).
Both lines should be pulled up to the positive supply through
a resistor. The protocol defines devices as being either
Masters or Slaves. The SMP9410 will always be a Slave
because it does not initiate any communications or provide
a clock output.
DEVICE OPERATION
TOP VIEW
A1
A0
SDA
SCL
CS
VREFH3
NC
1.25VREF
VOUT0
VOUT1
VOUT2
VOUT3
2056 PCon-L
1
2
3
4
5
6
7
21
20
19
18
17
16
15
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com