Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP9410F Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SMP9410F
Description  Quad 10-Bit Nonvolatile DACPOT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SMP9410F Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SMP9410F Datasheet HTML 3Page - List of Unclassifed Manufacturers SMP9410F Datasheet HTML 4Page - List of Unclassifed Manufacturers SMP9410F Datasheet HTML 5Page - List of Unclassifed Manufacturers SMP9410F Datasheet HTML 6Page - List of Unclassifed Manufacturers SMP9410F Datasheet HTML 7Page - List of Unclassifed Manufacturers SMP9410F Datasheet HTML 8Page - List of Unclassifed Manufacturers SMP9410F Datasheet HTML 9Page - List of Unclassifed Manufacturers SMP9410F Datasheet HTML 10Page - List of Unclassifed Manufacturers SMP9410F Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
SMP9410
SUMMIT MICROELECTRONICS, Inc.
Preliminary Information
2056 2.0 10/04/02
Pin 9, 5V
Pin 7, 10V
Pin5, Reserved
Pin3, GND
Pin 1, GND
Pin 10, Reserved
Pin 8, Reserved
Pin 6, Reserved
Pin 4, SDA
Pin 2, SCL
Top view of straight 0.1"
× 0.1" closed
side connector SMX3200 interface
Positive
Supply
Negative
Supply
VDD
GND
9
7
5
3
1
10
8
6
4
2
SMP9410
2056 Fig06
C1
0.01µF
DEVELOPMENT HARDWARE & SOFTWARE
Figure 1. SMX3200 Programmer connections for the
SMP9410.
PROGRAMMING CONNECTION
The end user can obtain the Summit SMX3200 program-
ming system for device prototype development. The
SMX3200 system consists of a programming Dongle, cable
and Windows GUI software. It can be ordered on the
website or from a local representative. The latest revisions
of all software and an application brief describing the
SMX3200
is
available
from
the
website
(www.summitmicro.com).
The SMX3200 programming Dongle/cable interfaces di-
rectly between a PC’s parallel port and the target applica-
tion. The device is then configured on-screen via an intuitive
graphical user interface employing drop-down menus. The
Windows GUI software will generate the data and send it in
I2C serial bus format so that it can be directly downloaded
to the SMP9410 via the programming Dongle and cable. An
example of the connection interface is shown in Figure
1.When design prototyping is complete, the software can
generate a HEX data file that should be transmitted to
Summit for approval.
APPLICATIONS INFORMATION
Figure 2. Applications Schematic. Additional bypass capacitors may be needed in noisy environments. The
VREFH and VREFL pins can be tied to VDD or GND or as specified in the pin descriptions. For optimum
performance, all capacitors should be placed as close as possible to the SMP9410 Pins
MU TE #
V
REFL
3
V
OU T
3
V
REFH
3
V
REFL
2
V
OU T
2
V
REFH
2
V
REFL
1
V
OU T
1
V
REFH
1
V
REFL
0
V
OU T
0
V
REFH
0
0.01
mF
V
DD
10mF
O ptional
A0
A1
A2
SD A
SC L
4
5
28
2
3
CS
6
MU TE #_C H
23
22
+5V
GN D
Com m on
GN D
V0
V1
V2
V3
S M P 9410
19
17
16
15
13
11
9
7
14
12
10
8
24
25
SD A
SC L
CS
U ser
O ptions
1.25V
REF
20
28 Lead Q F N P in N um bering
0.1
mF
0.01
mF
0.01
mF
0.01
mF
0.01
mF
Summit will then assign a unique customer ID to the HEX
code and program production devices before the final
electrical test operations. This will ensure proper device
operation in the end application.
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com