Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP9410F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMP9410F
Description  Quad 10-Bit Nonvolatile DACPOT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SMP9410F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMP9410F Datasheet HTML 1Page - List of Unclassifed Manufacturers SMP9410F Datasheet HTML 2Page - List of Unclassifed Manufacturers SMP9410F Datasheet HTML 3Page - List of Unclassifed Manufacturers SMP9410F Datasheet HTML 4Page - List of Unclassifed Manufacturers SMP9410F Datasheet HTML 5Page - List of Unclassifed Manufacturers SMP9410F Datasheet HTML 6Page - List of Unclassifed Manufacturers SMP9410F Datasheet HTML 7Page - List of Unclassifed Manufacturers SMP9410F Datasheet HTML 8Page - List of Unclassifed Manufacturers SMP9410F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Characteristics subject to change without notice
2056 2.0 10/04/02
SMP9410
SUMMIT
MICROELECTRONICS, Inc.
©SUMMIT MICROELECTRONICS, Inc., 2002 • 300 Orchard City Dr., #131 • Campbell, CA 95008 • Phone 408-378-6461 • FAX 408-378-6586 • www.summitmicro.com
Preliminary Information 1 see last page
l Four Programmable 10-Bit Nonvolatile DACs
M INL ±1LSB, DNL ±1LSB, 1024 Steps Each
l Power on Recall at any Value
l Parallel or Independent Operation of DACs
l Excellent Temperature Stability - ±15ppm/0C
M Industrial Temperature range
l 1.25V Precision Voltage Reference
l I2C Serial Bus Interface
l Very Small QFN package M 5mm square
APPLICATIONS
l Laser bias/modulation current adjustment
l Power supply trimming/margining
l Potentiometer replacement
Quad 10-Bit Nonvolatile DACPOTTM
FEATURES
INTRODUCTION
The SMP9410 is a quad 10 bit (1024 steps) Non Volatile
D-to- A converter or DACPOTTM. The device will recall any
analog voltage on power up, making it ideal for high
accuracy and temperature stable calibration purposes and
can operate from a single +2.7V to +5.5V supply. Internal
precision buffers swing rail-to-rail with an input voltage
range from ground to the positive supply.
The part integrates four 10-bit DACs and associated cir-
cuits: an enhanced unity gain operational amplifier output,
a 10-bit volatile data latch, a 10-bit nonvolatile data register,
and I2C bus industry standard 2-wire serial interface. The
SMP9410 is available in a very small 5mm square Quad Flat
package with No leads (QFN) for small form factor designs.
Programming of configuration, control and calibration val-
ues by the user can be simplified with the interface adapter
and Windows GUI software obtainable from Summit Micro-
electronics.
FUNCTIONAL BLOCK DIAGRAM
Note: Pin numbers
are for the QFN.
GND
VDD
24
25
19
VOUT0
SCL
5
CS
6
2056 BD
A1
A2 28
SDA
4
10-BIT
DAC
VREFH0
13
14 VREFL0
SMP9410
VOUT1
VREFH1
VREFL1
17
11
12
MUTE#
23
1.25VREF 20
PRECISION
REFERENCE
16
VOUT2
10-BIT
DAC
VREFH2
9
10 VREFL2
VOUT3
VREFH3
VREFL3
15
7
8
CONFIGURATION
REGISTER
MUTE#_CH
22
10-BIT
DAC
10-BIT
DAC
2
A0
3
100K
3 plcs
100K
100K
100K
100K
VDD


Similar Part No. - SMP9410F

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SMP900G-JP SEME-LAB-SMP900G-JP Datasheet
54Kb / 2P
P.I.N. PHOTODIODE
SMP900G-JQ SEME-LAB-SMP900G-JQ Datasheet
55Kb / 2P
P.I.N. PHOTODIODE
SMP900G-KP SEME-LAB-SMP900G-KP Datasheet
55Kb / 2P
P.I.N. PHOTODIODE
SMP900G-KQ SEME-LAB-SMP900G-KQ Datasheet
55Kb / 2P
P.I.N. PHOTODIODE
logo
Summit Microelectronics...
SMP9210 SUMMIT-SMP9210 Datasheet
171Kb / 10P
Dual 10-bit Nonvolatile DAC
More results

Similar Description - SMP9410F

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT504 CATALYST-CAT504 Datasheet
141Kb / 12P
8-Bit Quad DACpot
logo
Summit Microelectronics...
S9518 SUMMIT-S9518 Datasheet
43Kb / 8P
Nonvolatile DACPOT Electronic Potentiometer With Debounced Push Button Interface
logo
Maxim Integrated Produc...
MAX5105-MAX5106 MAXIM-MAX5105-MAX5106 Datasheet
523Kb / 19P
Nonvolatile, Quad, 8-Bit DACs
Rev 1; 6/01
logo
Summit Microelectronics...
SMP9317 SUMMIT-SMP9317 Datasheet
38Kb / 6P
Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface
S9318 SUMMIT-S9318 Datasheet
34Kb / 6P
Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface
SMP9210 SUMMIT-SMP9210 Datasheet
171Kb / 10P
Dual 10-bit Nonvolatile DAC
S9418 SUMMIT-S9418 Datasheet
50Kb / 10P
Quad 8-Bit Nonvolatile DACPOT??Electronic Potentiometer With a Mute Control Input
S9408S SUMMIT-S9408S Datasheet
51Kb / 10P
Serial Input, Quad 8-Bit Nonvolatile DACPOT
SMP9517 SUMMIT-SMP9517 Datasheet
51Kb / 8P
Nonvolatile DACPOT??Electronic Potentiometer With Debounced Push Button Interface
logo
Maxim Integrated Produc...
MAX5481 MAXIM-MAX5481_10 Datasheet
509Kb / 20P
10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com