Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP9410F Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SMP9410F
Description  Quad 10-Bit Nonvolatile DACPOT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SMP9410F Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SMP9410F Datasheet HTML 1Page - List of Unclassifed Manufacturers SMP9410F Datasheet HTML 2Page - List of Unclassifed Manufacturers SMP9410F Datasheet HTML 3Page - List of Unclassifed Manufacturers SMP9410F Datasheet HTML 4Page - List of Unclassifed Manufacturers SMP9410F Datasheet HTML 5Page - List of Unclassifed Manufacturers SMP9410F Datasheet HTML 6Page - List of Unclassifed Manufacturers SMP9410F Datasheet HTML 7Page - List of Unclassifed Manufacturers SMP9410F Datasheet HTML 8Page - List of Unclassifed Manufacturers SMP9410F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
SMP9410
SUMMIT MICROELECTRONICS, Inc.
Preliminary Information
2056 2.0 10/04/02
Temperature Under Bias ......................... –55°C to 125°C
Storage Temperature .............................. –65°C to 150°C
Terminal Voltage with Respect to GND:
VDD ................................ –0.3V to 6.0V
All Others ....................... –0.3V to 6.0V
Output Short Circuit Current……………….……….100mA
Lead Solder Temperature (10 secs).....................300 °C
Junction Temperature.........................................150°C
ESD Rating per JEDEC……………………..………..2000V
Latch-Up testing per JEDEC……………..…......+/- 100mA
Note * - The device is not guaranteed to function outside its operating
rating. Stresses listed under Absolute Maximum Ratings may cause
permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions
outside those listed in the operational sections of this specification is
not implied. Exposure to any absolute maximum rating for extended
periods may affect device performance and reliability.
DC OPERATING CHARACTERISTICS
(Over Recommended Operating Conditions; Voltages are relative to GND)
2056 Elect TableA
Temperature ........................................... –40°C to 85°C
Voltage .................................................... 2.7V to 5.5V
Package Thermal Resistance
GJA
48 Pin TQFP = 80°C/W, 28 Pin QFN= 80°C/W
GJC
48 Pin TQFP = 40°C/W, 28 Pin QFN= 32°C/W
Moisture Classification Level 1 (MSL 1) per J-STD- 020
RELIABILITY CHARACTERISTICS
Data Retention………………………..……..…..100 Years
Endurance………………………...……….100,000 Cycles
ABSOLUTE MAXIMUM RATINGS*
RECOMMENDED OPERATING CONDITIONS
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
o
i
t
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
r
e
w
o
P
I
D
D
t
n
e
r
r
u
c
y
l
p
p
u
s
r
e
w
o
P
V
e
t
i
r
w
V
N
D
D
V
5
.
5
=3
A
m
V
e
t
i
r
w
V
N
D
D
V
7
.
2
=3
A
m
t
n
e
c
s
e
i
u
q
r
o
y
b
d
n
a
t
S
V
D
D
t
n
e
r
r
u
c
g
n
i
d
u
l
c
x
E
;
V
5
.
5
=
s
C
A
D
h
g
u
o
r
h
t
1A
m
V
D
D
t
n
e
r
r
u
c
g
n
i
d
u
l
c
x
E
;
V
7
.
2
=
s
C
A
D
h
g
u
o
r
h
t
1A
m
n
w
o
d
r
e
w
o
P
V
D
D
t
n
e
r
r
u
c
l
a
t
o
T
;
V
5
.
5
=
s
C
A
D
g
n
i
d
u
l
c
n
i
1A
m
V
D
D
t
n
e
r
r
u
c
l
a
t
o
T
;
V
7
.
2
=
s
C
A
D
g
n
i
d
u
l
c
n
i
1A
m
V
D
D
e
g
a
t
l
o
v
y
l
p
p
u
S7
.
25
.
5V
V
H
I
,
#
E
T
U
M
,
S
C
,
L
C
S
,
A
D
S
2
A
,
1
A
,
0
A
,
H
C
_
#
E
T
U
M
7
.
0
× V
D
D
V
V
L
I
3
.
0
× V
D
D
V
V
L
O
A
D
SI
L
O
A
m
3
=4
.
0V
I
I
L
e
g
a
k
a
e
l
t
u
p
n
IV
N
I
o
t
0
=V
D
D
0
0
1A
µ
I
O
L
e
g
a
k
a
e
l
t
u
p
t
u
O
V
T
U
O
h
g
i
h
n
i
n
w
o
d
d
e
r
e
w
o
p
e
d
o
m
e
c
n
a
d
e
p
m
i
0
1A
µ
W
D
N
E
e
c
n
a
r
u
d
n
e
e
t
i
r
Ws
n
o
i
t
a
r
e
p
o
e
r
o
t
s
V
N
f
o
r
e
b
m
u
N1
× 0
1 6
s
e
r
o
t
s
V
N
t
R
D
n
o
i
t
n
e
t
e
r
a
t
a
Dd
V
Nn
o
i
t
n
e
t
e
r
a
t
a0
0
1s
r
a
e
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com