Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLMB Datasheet(PDF) 9 Page - Vishay Siliconix

Part # TLMB
Description  MiniLED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMB Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button TLMB Datasheet HTML 3Page - Vishay Siliconix TLMB Datasheet HTML 4Page - Vishay Siliconix TLMB Datasheet HTML 5Page - Vishay Siliconix TLMB Datasheet HTML 6Page - Vishay Siliconix TLMB Datasheet HTML 7Page - Vishay Siliconix TLMB Datasheet HTML 8Page - Vishay Siliconix TLMB Datasheet HTML 9Page - Vishay Siliconix TLMB Datasheet HTML 10Page - Vishay Siliconix TLMB Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TLMB / G / O / P / S / Y2100
Document Number 83199
Rev. 1.6, 20-Jan-05
Vishay Semiconductors
www.vishay.com
9
Cover Tape Peel Strength
According to DIN EN 60286-3
0.1 to 1.3 N
300 ± 10 mm/min
165 ° - 180 ° peel angle
Label
Standard bar code labels for finished goods
The standard bar code labels are product labels and
used for identification of goods. The finished goods
are packed in final packing area. The standard pack-
ing units are labeled with standard bar code labels
before transported as finished goods to warehouses.
The labels are on each packing unit and contain
Vishay Semiconductor GmbH specific data.
Item-Description
Item-Number
Selection-Code
LOT-/ Serial-Number
Data-Code
Plant-Code
Quantity
Accepted by:
Packed by:
Mixed Code Indicator
Origin
INO
–
BATCH
SEL
COD
PTC
QTY
ACC
PCK
MIXED CODE
xxxxxxx+
18
8
3
10
3 (YWW)
2
8
–
–
–
Company Logo
Plain Writing
Abbreviation
Length
Item-Number
Sequence-Number
Plant-Code
Quantity
Total Length
N
8
2
3
8
21
Long Bar Code Top
Type
Length
N
X
N
–
Selection–Code
Batch-Number
Data-Code
Filter
Total Length
X
3
3
10
1
17
Short Bar Code Bottom
Type
Length
N
X
–
–
16942
Vishay Semiconductor GmbH standard bar code product label (finished goods)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com