Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLMB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLMB
Description  MiniLED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMB Datasheet(HTML) 3 Page - Vishay Siliconix

  TLMB Datasheet HTML 1Page - Vishay Siliconix TLMB Datasheet HTML 2Page - Vishay Siliconix TLMB Datasheet HTML 3Page - Vishay Siliconix TLMB Datasheet HTML 4Page - Vishay Siliconix TLMB Datasheet HTML 5Page - Vishay Siliconix TLMB Datasheet HTML 6Page - Vishay Siliconix TLMB Datasheet HTML 7Page - Vishay Siliconix TLMB Datasheet HTML 8Page - Vishay Siliconix TLMB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TLMB / G / O / P / S / Y2100
Document Number 83199
Rev. 1.6, 20-Jan-05
Vishay Semiconductors
www.vishay.com
3
Soft Orange
TLMO2100
2) in one Packing Unit I
Vmax/IVmin ≤ 2.0
Yellow
TLMY2100
2) in one Packing Unit I
Vmax/IVmin ≤ 2.0
Green
TLMG2100
2) in one Packing Unit I
Vmax/IVmin ≤ 2.0
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Luminous intensity 2)
IF = 10 mA
IV
3.2
7.5
mcd
Dominant wavelength
IF = 10 mA
λ
d
598
605
611
nm
Peak wavelength
IF = 10 mA
λ
p
605
nm
Angle of half intensity
IF = 10 mA
ϕ
± 60
deg
Forward voltage
IF = 20 mA
VF
2.1
3
V
Reverse voltage
IR = 10 µAVR
615
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
15
pF
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Luminous intensity 2)
IF = 10 mA
IV
3.2
7.5
mcd
Dominant wavelength
IF = 10 mA
λ
d
581
588
594
nm
Peak wavelength
IF = 10 mA
λ
p
585
nm
Angle of half intensity
IF = 10 mA
ϕ
± 60
deg
Forward voltage
IF = 20 mA
VF
2.2
3
V
Reverse voltage
IR = 10 µAVR
615
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
15
pF
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Luminous intensity 2)
IF = 10 mA
IV
6.3
10
mcd
Dominant wavelength
IF = 10 mA
λ
d
562
568
575
nm
Peak wavelength
IF = 10 mA
λ
p
565
nm
Angle of half intensity
IF = 10 mA
ϕ
± 60
deg
Forward voltage
IF = 20 mA
VF
2.2
3.0
V
Reverse voltage
IR = 10 µAVR
615
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com