Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLMB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLMB
Description  MiniLED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMB Datasheet(HTML) 1 Page - Vishay Siliconix

  TLMB Datasheet HTML 1Page - Vishay Siliconix TLMB Datasheet HTML 2Page - Vishay Siliconix TLMB Datasheet HTML 3Page - Vishay Siliconix TLMB Datasheet HTML 4Page - Vishay Siliconix TLMB Datasheet HTML 5Page - Vishay Siliconix TLMB Datasheet HTML 6Page - Vishay Siliconix TLMB Datasheet HTML 7Page - Vishay Siliconix TLMB Datasheet HTML 8Page - Vishay Siliconix TLMB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TLMB / G / O / P / S / Y2100
Document Number 83199
Rev. 1.6, 20-Jan-05
Vishay Semiconductors
www.vishay.com
1
e3 Pb
Pb-free
19226
MiniLED
Description
The new MiniLED Series have been designed in a
small white SMT package. The feature of the device
is the very small package 2.3 mm x 1.3 mm x 1.4 mm.
The MinLED is an obvious solution for small-scale,
high-power products that are expected to work reli-
ably in an arduous environment. This is often the case
in automotive and industrial application of course.
Features
• SMD LEDs with exceptional brightness
• Luminous intensity categorized
• Compatible with automatic placement equipment
• EIA and ICE standard package
• IR reflow soldering
• Available in 8 mm tape
• Low profile package
• Non-diffused lens: excellent for coupling to light
pipes and backlighting
• Low power consumption
• Luminous intensity ratio in one packaging unit
IVmax/IVmin ≤ 2.0, optional ≤ 1.6
• Lead-free device
Applications
Automotive: Backlighting in dashboards and switches
Telecommunication: Indicator and backlighting in
telephone and fax
Indicator and backlight for audio and video equipment
Indicator and backlight in office equipment
Flat backlight for LCDs, switches and symbols
General use
Parts Table
Part
Color, Luminous Intensity
Angle of Half Intensity (±
ϕ)
Technology
TLMS2100
Red, IV = 7.5 mcd (typ.)
60 °
GaAsP on GaP
TLMO2100
Soft orange, IV = 7.5 mcd (typ.)
60 °
GaAsP on GaP
TLMY2100
Yellow, IV = 7.5 mcd (typ.)
60 °
GaAsP on GaP
TLMG2100
Green, IV = 10 mcd (typ.)
60 °
GaP on GaP
TLMP2100
Pure green, IV = 2.2 mcd (typ.)
60 °
GaP on GaP
TLMB2100
Blue, IV = 7 mcd (typ.)
60 °
GaN


Similar Part No. - TLMB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMB1100 VISHAY-TLMB1100 Datasheet
301Kb / 15P
Ultrabright 0603 LED
30-Aug-04
TLMB1100 VISHAY-TLMB1100 Datasheet
189Kb / 15P
Standard 0603 SMD LED
20-Jul-12
TLMB1100 VISHAY-TLMB1100 Datasheet
196Kb / 15P
Standard 0603 SMD LED
04-Jun-13
TLMB1100 VISHAY-TLMB1100 Datasheet
196Kb / 15P
Standard 0603 SMD LED
04-Jun-13
logo
HK TO-GRACE TECHNOLOGY ...
TLMB1100 TO-GRACE-TLMB1100 Datasheet
908Kb / 15P
Standard 0603 SMD LED
More results

Similar Description - TLMB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMO VISHAY-TLMO Datasheet
243Kb / 7P
Low Current MiniLED
21-Jan-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com