Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLMB Datasheet(PDF) 10 Page - Vishay Siliconix

Part # TLMB
Description  MiniLED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMB Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button TLMB Datasheet HTML 3Page - Vishay Siliconix TLMB Datasheet HTML 4Page - Vishay Siliconix TLMB Datasheet HTML 5Page - Vishay Siliconix TLMB Datasheet HTML 6Page - Vishay Siliconix TLMB Datasheet HTML 7Page - Vishay Siliconix TLMB Datasheet HTML 8Page - Vishay Siliconix TLMB Datasheet HTML 9Page - Vishay Siliconix TLMB Datasheet HTML 10Page - Vishay Siliconix TLMB Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.vishay.com
10
Document Number 83199
Rev. 1.6, 20-Jan-05
TLMB / G / O / P / S / Y2100
Vishay Semiconductors
Dry Packing
The reel is packed in an anti-humidity bag to protect
the devices from absorbing moisture during transpor-
tation and storage.
Final Packing
The sealed reel is packed into a cardboard box. A
secondary cardboard box is used for shipping pur-
poses.
Recommended Method of Storage
Dry box storage is recommended as soon as the alu-
minium bag has been opened to prevent moisture
absorption. The following conditions should be
observed, if dry boxes are not available:
• Storage temperature 10 °C to 30 °C
• Storage humidity
≤ 60 % RH max.
After more than 1 year under these conditions mois-
ture content will be too high for reflow soldering.
In case of moisture absorption, the devices will
recover to the former condition by drying under the
following condition:
192 hours at 40 °C + 5 °C/ -0 °C and < 5 % RH
(dry air/ nitrogen) or
96 hours at 60 °C +5 °C and < 5 % RH for all device
containers or
24 hours at 100 °C +5 °C not suitable for reel
or tubes.
An EIA JEDEC Standard JESD22-A112 Level 2 label
is included on all dry bags.
Example of JESD22-A112 Level 2 label
ESD Precaution
Proper storage and handling procedures should be
followed to prevent ESD damage to the devices espe-
cially when they are removed from the Antistatic
Shielding Bag. Electro-Static Sensitive Devices warn-
ing labels are on the packaging.
Vishay Semiconductors Standard
Bar-Code Labels
The Vishay Semiconductors standard bar-code labels
are printed at final packing areas. The labels are on
each packing unit and contain Vishay Semiconduc-
tors specific data.
Aluminium bag
Label
Reel
15973
17028



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com