Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8028 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8028
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8028 Datasheet(HTML) 4 Page - Analog Devices

  AD8028 Datasheet HTML 1Page - Analog Devices AD8028 Datasheet HTML 2Page - Analog Devices AD8028 Datasheet HTML 3Page - Analog Devices AD8028 Datasheet HTML 4Page - Analog Devices AD8028 Datasheet HTML 5Page - Analog Devices AD8028 Datasheet HTML 6Page - Analog Devices AD8028 Datasheet HTML 7Page - Analog Devices AD8028 Datasheet HTML 8Page - Analog Devices AD8028 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD8027/AD8028
Rev. B | Page 4 of 24
SPECIFICATIONS
Table 2. VS = +5 V (@ TA = 25°C, RL = 1 kΩ to midsupply, unless otherwise noted.)
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
G = +1, V
O = 0.2 V p-p
131
185
MHz
–3 dB Bandwidth
G = +1, V
O = 2 V p-p
18
28
MHz
Bandwidth for 0.1 dB Flatness
G = +2, V
O = 0.2 V p-p
12
MHz
Slew Rate
G = +1, V
O = 2 V Step/G = –1, VO = 2 V Step
85/100
V/µs
Settling Time to 0.1%
G = +2, V
O = 2 V Step
40
ns
NOISE/DISTORTION PERFORMANCE
f
C = 1 MHz, VO = 2 V p-p, RF = 24.9 Ω
90
dBc
Spurious Free Dynamic Range (SFDR)
f
C = 5 MHz, VO = 2 V p-p, RF = 24.9 Ω
64
dBc
Input Voltage Noise
f = 100 kHz
4.3
nV/√
Hz
Input Current Noise
f = 100 kHz
1.6
pA/√
Hz
Differential Gain Error
NTSC, G = +2, RL = 150 Ω
0.1
%
Differential Phase Error
NTSC, G = +2, RL = 150 Ω
0.2
Degree
Crosstalk, Output to Output
G = 1, RL = 100 Ω, VOUT = 2 V p-p,
VS = ±5 V @ 1 MHz
–92
dB
DC PERFORMANCE
Input Offset Voltage
SELECT = Tri-State or Open, PNP Active
200
800
µV
SELECT = High NPN Active
240
900
µV
Input Offset Voltage Drift
TMIN to TMAX
2
µV/°C
VCM = 2.5 V, NPN Active
4
6
µA
Input Bias Current1
TMIN to TMAX
4
µA
VCM = 2.5 V, PNP Active
–8
–11
µA
Input Bias Current1
TMIN to TMAX
–8
µA
Input Offset Current
±0.1
±0.9
µA
Open-Loop Gain
V
O = 1 V to 4 V
96
105
dB
INPUT CHARACTERISTICS
Input Impedance
6
MΩ
Input Capacitance
2
pF
Input Common-Mode Voltage Range
–0.2 to +5.2
V
Common-Mode Rejection Ratio
VCM = 0 V to 2.5 V
90
105
dB
SELECT PIN
Crossover Low—Selection Input Voltage
1.7 to 5
V
Crossover High—Selection Input Voltage
1.1 to 1.7
V
Disable Input Voltage
0 to 1.1
V
DISABLE Switching Speed
1100
ns
Enable Switching Speed
Tri-State < ±20 µA
50% of Input to <10% of Final V
O
50
ns
OUTPUT CHARACTERISTICS
Overdrive Recovery Time
(Rising/Falling Edge)
V
I = –1 V to +6 V, G = –1
50/50
ns
Output Voltage Swing
R
L = 1 kΩ
–VS + 0.08
+VS – 0.04,
–VS + 0.04
+VS – 0.08
V
Off Isolation
VIN = 0.2 V p-p, f = 1 MHz, SELECT = Low
–49
dB
Short Circuit Current
Sinking and Sourcing
105
mA
Capacitive Load Drive
30% Overshoot
20
pF
POWER SUPPLY
Operating Range
2.7
12
V
Quiescent Current/Amplifier
6
8.5
mA
Quiescent Current (Disabled)
SELECT = Low
320
450
µA
Power Supply Rejection Ratio
VS ± 1 V
90
105
dB
1 No sign or a plus indicates current into pin, minus indicates current out of pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com