Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8028 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8028
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8028 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8028 Datasheet HTML 15Page - Analog Devices AD8028 Datasheet HTML 16Page - Analog Devices AD8028 Datasheet HTML 17Page - Analog Devices AD8028 Datasheet HTML 18Page - Analog Devices AD8028 Datasheet HTML 19Page - Analog Devices AD8028 Datasheet HTML 20Page - Analog Devices AD8028 Datasheet HTML 21Page - Analog Devices AD8028 Datasheet HTML 22Page - Analog Devices AD8028 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD8027/AD8028
Rev. B | Page 19 of 24
Circuit Considerations
BALANCED INPUT IMPEDANCES
Balanced input impedances can help improve distortion per-
formance. When the amplifier transitions from PNP pair to
NPN pair operation, a change in both the magnitude and direc-
tion of the input bias current will occur. When multiplied times
imbalanced input impedances, a change in offset will result. The
key to minimizing this distortion is to keep the input imped-
ances balanced on both inputs. Figure 59 shows the effect of the
imbalance and degradation in distortion performance for a
50 Ω source impedance, with and without a 50 Ω balanced feed-
back path.
FREQUENCY (MHz)
0.1
1
10
20
–100
–90
–80
–70
–60
–50
–40
–30
–20
G = +1
VOUT = 2V p-p
RL = 1kΩ
VS = +3V
RF = 24.9Ω
RF = 49.9Ω
RF = 0Ω
03327-A-058
Figure 59. SFDR vs. Frequency and Various RF
PCB LAYOUT
As with all high speed op amps, achieving optimum perform-
ance from the AD8027/AD8028 requires careful attention to
PCB layout. Particular care must be exercised to minimize lead
lengths of the bypass capacitors. Excess lead inductance can
influence the frequency response and even cause high fre-
quency oscillations. The use of a multilayer board, with an
internal ground plane, will reduce ground noise and enable a
tighter layout.
To achieve the shortest possible lead length at the inverting
input, the feedback resistor, RF, should be located beneath the
board and span the distance from the output, Pin 6, to the input,
Pin 2. The return node of the resistor RG should be situated as
closely as possible to the return node of the negative supply
bypass capacitor connected to Pin 4.
On multilayer boards, all layers underneath the op amp should
be cleared of metal to avoid creating parasitic capacitive
elements. This is especially true at the summing junction (i.e.,
the –input). Extra capacitance at the summing junction can
cause increased peaking in the frequency response and lower
phase margin.
GROUNDING
To minimize parasitic inductances and ground loops in high
speed, densely populated boards, a ground plane layer is critical.
Understanding where the current flows in a circuit is critical in
the implementation of high speed circuit design. The length of
the current path is directly proportional to the magnitude of the
parasitic inductances and thus the high frequency impedance of
the path. Fast current changes in an inductive ground return
will create unwanted noise and ringing.
The length of the high frequency bypass capacitor pads and
traces is critical. A parasitic inductance in the bypass grounding
will work against the low impedance created by the bypass
capacitor. Because load currents flow from supplies as well as
ground, the load should be placed at the same physical location
as the bypass capacitor ground. For large values of capacitors,
which are intended to be effective at lower frequencies, the cur-
rent return path length is less critical.
POWER SUPPLY BYPASSING
Power supply pins are actually inputs and care must be taken to
provide a clean, low noise dc voltage source to these inputs. The
bypass capacitors have two functions:
1.
Provide a low impedance path for unwanted frequencies
from the supply inputs to ground, thereby reducing the
effect of noise on the supply lines.
2.
Provide sufficient localized charge storage, for fast
switching conditions and minimizing the voltage drop at
the supply pins and the output of the amplifier. This is
usually accomplished with larger electrolytic capacitors.
Decoupling methods are designed to minimize the bypassing
impedance at all frequencies. This can be accomplished with a
combination of capacitors in parallel to ground.
Good quality ceramic chip capacitors should be used and
always kept as close to the amplifier package as possible. A par-
allel combination of a 0.01 µF ceramic and a 10 µF electrolytic
covers a wide range of rejection for unwanted noise. The 10 µF
capacitor is less critical for high frequency bypassing, and in
most cases, one per supply line is sufficient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com