Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8028 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8028
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8028 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8028 Datasheet HTML 9Page - Analog Devices AD8028 Datasheet HTML 10Page - Analog Devices AD8028 Datasheet HTML 11Page - Analog Devices AD8028 Datasheet HTML 12Page - Analog Devices AD8028 Datasheet HTML 13Page - Analog Devices AD8028 Datasheet HTML 14Page - Analog Devices AD8028 Datasheet HTML 15Page - Analog Devices AD8028 Datasheet HTML 16Page - Analog Devices AD8028 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD8027/AD8028
Rev. B | Page 13 of 24
TEMPERATURE (°C)
–40 –25 –10
5
20
35
50
65
80
110
95
125
60
80
100
120
140
160
180
200
220
240
260
280
300
320
340
360
SELECT = TRI
VS = ±5V
VS = +5V
SELECT = HIGH
VS = +3V
03327-A-038
Figure 39. Input Offset Voltage vs. Temperature
INPUT COMMON-MODE VOLTAGE (V)
–5
–4
–3
–2
–1
0
1234
5
150
290
170
190
210
230
250
270
SELECT = HIGH
SELECT = TRI
VS = ±5V
03327-A-039
Figure 40. Input Offset Voltage vs. Input Common-Mode Voltage, VS = ±5
INPUT COMMON-MODE VOLTAGE (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
150
290
170
190
210
230
250
270
SELECT = HIGH
SELECT = TRI
VS = +5V
03327-A-040
Figure 41. Input Offset Voltage vs. Input Common-Mode Voltage, VS = +5
INPUT COMMON-MODE VOLTAGE (V)
0
0.50
1.00
1.50
2.00
2.50
3.00
150
270
170
190
210
230
250
SELECT = HIGH
SELECT = TRI
VS = +3V
03327-A-041
Figure 42. Input Offset Voltage vs. Input Common-Mode Voltage, VS = +3
FREQUENCY (Hz)
1k
10k
100k
1M
10M
100M
0
20
40
60
80
100
120
03327-A-042
Figure 43. CMRR vs. Frequency
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
100M
1G
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–PSRR
+PSRR
03327-A-043
Figure 44. PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com