Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8028 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8028
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8028 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8028 Datasheet HTML 8Page - Analog Devices AD8028 Datasheet HTML 9Page - Analog Devices AD8028 Datasheet HTML 10Page - Analog Devices AD8028 Datasheet HTML 11Page - Analog Devices AD8028 Datasheet HTML 12Page - Analog Devices AD8028 Datasheet HTML 13Page - Analog Devices AD8028 Datasheet HTML 14Page - Analog Devices AD8028 Datasheet HTML 15Page - Analog Devices AD8028 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD8027/AD8028
Rev. B | Page 12 of 24
–4.0
–3.0
–2.0
–1.0
0
1.0
2.0
3.0
4.0
–3.5
–2.5
–1.5
–0.5
0.5
1.5
2.5
3.5
50ns/DIV
500mV/DIV
G = +1
RL = 1kΩ
VS = ±2.5V
03327-A-032
Figure 33. Input Overdrive Recovery
–0.1%
+0.1%
5
µs/DIV
VIN (200mV/DIV)
VOUT – 2VIN (2mV/DIV)
G = +2
03327-A-033
Figure 34. Long-Term Settling Time
–0.1%
+0.1%
20ns/DIV
VIN (200mV/DIV)
VOUT (400mV/DIV)
VOUT – 2VIN (0.1%/DIV)
03327-A-034
Figure 35. 0.1% Short-Term Settling Time
TEMPERATURE (°C)
–40 –25 –10
5
20
35
50
65
80
110
95
125
2.5
3.0
3.5
4.0
4.5
–6.5
–7.0
–7.5
–8.0
–8.5
VS = +3V
VS = +5V
VS = ±5V
SELECT = TRI
SELECT = HIGH
03327-A-035
Figure 36. Input Bias Current vs. Temperature
INPUT COMMON-MODE VOLTAGE (V)
01
2345
678
9
10
10
8
6
4
2
0
–2
–4
–6
–8
–10
VS = ±5V
SELECT = TRI
VS = +3V
VS = +5V
SELECT = HIGH
03327-A-036
Figure 37. Input Bias Current vs. Input Common-Mode Voltage
–800
–600
–400
–200
0
200
400
600
800
INPUT OFFSET VOLTAGE (
µV)
0
50
100
150
200
250
SELECT = TRI
SELECT = HIGH
COUNT = 1780
SELECT
MEAN
STD. DEV
HIGH
49
µV
193
µV
TRI
55
µV
150
µV
03327-A-037
Figure 38. Input Offset Voltage Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com