Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29JL032H60TAI011 Datasheet(PDF) 65 Page - SPANSION

Part # S29JL032H60TAI011
Description  32M BIT CMOS 3.0V FLASH MEMORY
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29JL032H60TAI011 Datasheet(HTML) 65 Page - SPANSION

Back Button S29JL032H60TAI011 Datasheet HTML 58Page - SPANSION S29JL032H60TAI011 Datasheet HTML 59Page - SPANSION S29JL032H60TAI011 Datasheet HTML 60Page - SPANSION S29JL032H60TAI011 Datasheet HTML 61Page - SPANSION S29JL032H60TAI011 Datasheet HTML 62Page - SPANSION S29JL032H60TAI011 Datasheet HTML 63Page - SPANSION S29JL032H60TAI011 Datasheet HTML 64Page - SPANSION S29JL032H60TAI011 Datasheet HTML 65Page - SPANSION S29JL032H60TAI011 Datasheet HTML 66Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 65 / 66 page
background image
2005 年 3 月 9 日 S29JL032HA11
S29JL032H
65
ADV A NC E
INFORM AT ION
外形寸法
TS 048:48 ピン スタンダード TSOP
TS/TSR 048
MO-142 (D) DD
48
0.05
0.95
0.17
0.17
0.10
0.10
18.30
19.80
0.50
0°
0.08
11.90
0.50 BASIC
0.15
1.20
0.27
0.16
0.21
8°
0.20
18.50
12.10
0.70
20.20
0.23
1.05
0.20
1.00
0.22
18.40
20.00
0.60
12.00
Jedec
Package
b1
A2
A1
A
D
L
e
E
D1
b
c1
c
0
R
N
6
2
3
4
5
7
8
9
1
mm
ANSI Y14.5M-1982
-C-
D1
E
0.15mm
b
b
0.08mm
0.07mm
0.10mm
0.25mm
0.10mm
e
N
+1
2
N
1
2
N
3
C
e
A1
A2
2X (N/2 TIPS)
0.10
9
A
B
B
AB
E
D1
D
2X
2X (N/2 TIPS)
0.25
2X
0.10
0.10
N
5
+1
N
2
4
5
1
N
2
2
(c)
°
L
0.25MM
(0.0098") BSC
C
R
b
b1
(c)
7
6
c1
7
0.08MM
(0.0031")
M
C A - B
S
X
e/2
X = A
B
3355 \ 16-038.10c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com