Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC308 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # APC308
Description  Rail to Rail Output CMOS Operating Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

APC308 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button APC308 Datasheet HTML 2Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 3Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 4Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 5Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 6Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 7Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 8Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 9Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Oct., 2001
APC308
www.anpec.com.tw
6
Typical Characteristics
0
50
100
150
200
250
300
350
400
450
500
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
Sink Current vs Output Voltage
Output Voltage Referred to Ground (V)
0
50
100
150
200
250
300
350
400
450
500
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
Source Current vs Output Voltage
Output Voltage Referred to Vdd(V)
Large Signal Voltage Gain vs Frequency
+0
+100
+10
+20
+30
+40
+50
+60
+70
+80
+90
10
10M
100
1k
10k
100k
1M
Frequency (Hz)
VDD=5V
0
1
2
3
4
5
6
10
10 0
1k
10 k
10 0k
1M
10 M
Large Signal Frequency Response
VDD=5V, RL=2kΩ
Frequency (Hz)
VDD=5V
VDD=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com