Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC308 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # APC308
Description  Rail to Rail Output CMOS Operating Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

APC308 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button APC308 Datasheet HTML 7Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 8Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 9Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 10Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 11Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 12Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 13Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 14Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Oct., 2001
APC308
www.anpec.com.tw
13
Reference JEDEC Standard J-STD-020A APRIL 1999
Reflow Condition (IR/Convection or VPR Reflow)
Physical Specifications
Terminal Material
Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb
Lead Solderability
Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3.
Packaging
2500 devices per reel
Pre-heat temperature
183 C
Peak temperature
Time
°
Classification Reflow Profiles
Convection or IR/
Convection
VPR
Average ramp-up rate(183°C to Peak)
3°C/second max.
10 °C /second max.
Preheat temperature 125 ± 25°C)
120 seconds max
Temperature maintained above 183°C
60 – 150 seconds
Time within 5°C of actual peak temperature 10 –20 seconds
60 seconds
Peak temperature range
220 +5/-0°C or 235 +5/-0°C 215-219°C or 235 +5/-0°C
Ramp-down rate
6 °C /second max.
10 °C /second max.
Time 25°C to peak temperature
6 minutes max.
Package Reflow Conditions
pkg. thickness ≥≥≥≥ 2.5mm
and all bgas
pkg. thickness < 2.5mm and
pkg. volume ≥≥≥≥ 350 mm³
pkg. thickness < 2.5mm and pkg.
volume < 350mm³
Convection 220 +5/-0 °C
Convection 235 +5/-0 °C
VPR 215-219 °C
VPR 235 +5/-0 °C
IR/Convection 220 +5/-0 °C
IR/Convection 235 +5/-0 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com