Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC308 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # APC308
Description  Rail to Rail Output CMOS Operating Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

APC308 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  APC308 Datasheet HTML 1Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 2Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 3Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 4Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 5Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 6Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 7Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 8Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Rail to Rail Output CMOS Operating Amplifier
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Oct., 2001
APC308
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Features
Ordering Information
The APC308 consists of two independent, high gain,
CMOS operating amplifier, combining rail to rail out-
put range with large output current. It provides a low
input bias current 2pA.
The output swing of the amplifier, guaranteed for
loads down to 1kΩ and output current to an 10Ω load
from a 5V power supply. APC308 designed to oper-
ating at 3V is especially well-suited for low voltage
application.
Applications
• Amplifiers
Gereral Description
Block Diagram
APC308
••••• Operating Voltage
Single Supply
3V to 6V
• Low Input current
2pA
••••• Rail to Rail Output Swing
••••• Push-Pull Output Driving
••••• High Output Current Drive
310mA
••••• Bandwidth:7MHz
••••• Wide Temperature Range
••••• Available in 8 pin SOP ,DIP , TSSOP or MSOP
Package
)2+!&
Package Code
J : PDIP - 8
K : SOP - 8
O : TSSOP - 8
X : MSOP-8
Temp. Range
I : - 40 to 85 C
Handling Code
TU : Tube
TR : Tape & Reel
°
Handling Code
Temp. Range
Package Code
• Filters
• Analog circuit

!
"
#
$
%
&
Out 1
Inverting Input 1
Non-inverting Input 1
Non-inverting Input 2
Out 2
I n v e r t i ng I npu t 2
--
+
+
V--
V
,,


Similar Part No. - APC308

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
APC30 ALLIED-APC30 Datasheet
742Kb / 1P
Axial Power Chokes
APC30-100K-RC ALLIED-APC30-100K-RC Datasheet
738Kb / 1P
Axial Power Chokes
APC30-100K-RC ALLIED-APC30-100K-RC Datasheet
744Kb / 1P
Axial Power Chokes
APC30-100K-RC ALLIED-APC30-100K-RC Datasheet
742Kb / 1P
Axial Power Chokes
APC30-101K-RC ALLIED-APC30-101K-RC Datasheet
738Kb / 1P
Axial Power Chokes
More results

Similar Description - APC308

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APC207 ETC-APC207 Datasheet
151Kb / 12P
Rail to Rail Output CMOS Single Operating Amplifier
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
250MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8061 SGMICRO-SGM8061 Datasheet
639Kb / 14P
500MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8067 SGMICRO-SGM8067 Datasheet
341Kb / 5P
1.5GHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8091 SGMICRO-SGM8091 Datasheet
686Kb / 17P
350MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8651 SGMICRO-SGM8651 Datasheet
661Kb / 17P
50MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
Rail-to-Rail Output Quad CMOS Operational Amplifier
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
Rail-to-Rail Output Single CMOS Operational Amplifier
logo
E-CMOS Corporation
EC5912 E-CMOS-EC5912 Datasheet
605Kb / 10P
200MHz, CMOS, Rail-to-Rail Output Operational Amplifier
logo
Shenzhen Huazhimei Semi...
HM8051 HMSEMI-HM8051 Datasheet
1Mb / 18P
250MHz Rail-to-Rail Output CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com