Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC308 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # APC308
Description  Rail to Rail Output CMOS Operating Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

APC308 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button APC308 Datasheet HTML 7Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 8Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 9Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 10Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 11Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 12Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 13Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 14Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Oct., 2001
APC308
www.anpec.com.tw
11
Packaging Information
TSSOP
Millimeters
Inches
Dim
Min.
Max.
Min.
Max.
A
1.2
0.047
A1
0.00
0.15
0.000
0.006
A2
0.80
1.05
0.031
0.041
b
0.19
0.30
0.007
0.012
D
2.9
3.1
0.114
0.122
e
0.65 BSC
0.026 BSC
E
6.40 BSC
0.252 BSC
E1
4.30
4.50
0.169
0.177
L
0.45
0.75
0.018
0.030
L1
1.0 REF
0.039REF
R
0.09
0.004
R1
0.09
0.004
S
0.2
0.008
φ10°
8°
0°
8°
φ212° REF
12° REF
φ312° REF
12° REF
L
(L1)
(3)
S
(2)
0.25
GAUGE
PLANE
1
b
D
e
2 x E / 2
8
12
e/2
E1
E
7
A1
A2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com