Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC207 Datasheet (PDF) - List of Unclassifed Manufacturers

APC207 Datasheet PDF - List of Unclassifed Manufacturers
Part # APC207
Download  APC207 Download
File Size   151.4 Kbytes
Page   12 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Rail to Rail Output CMOS Single Operating Amplifier

APC207 Datasheet (PDF)

Go To PDF Page Download Datasheet
APC207 Datasheet PDF - List of Unclassifed Manufacturers

Part # APC207
Download  APC207 Click to download

File Size   151.4 Kbytes
Page   12 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Rail to Rail Output CMOS Single Operating Amplifier

APC207 Datasheet (HTML) - List of Unclassifed Manufacturers


APC207 Product details

[ANPEC Electronics Corp.]

General Description
The APC207/208 brings performance and enconomy with high gain, CMOS operating amplifier, combining rail to rail output range with large output current. It provides a low input bias current 2pA. The  output swing of the amplifier, guaranteed for loads down to 1kΩ and output current to an 10Ω load from a 5V power supply. APC207/208 designed to operating at 3V is especially well-suited for low voltage application.The APC207/208 is offered in the space saving SOT23-5 package

Features
• Operating Voltage Single Supply    3V to 6V
• Low input current                                    2pA
• Rail to Rail Output Swing
• Push-Pull Output Driveing
• High Output Current Drive                 310mA
• Bandwidth: 7MHz
• Wide Temperature Range
• Available in the SOT23-5 Package
• Single version of APC308

Applications
• Amplifiers
• Filters
• Analog circuit




Similar Part No. - APC207

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
APC20 ALLIED-APC20 Datasheet
820Kb / 1P
Axial Power Chokes
APC20-100K-RC ALLIED-APC20-100K-RC Datasheet
817Kb / 1P
Axial Power Chokes
APC20-100K-RC ALLIED-APC20-100K-RC Datasheet
822Kb / 1P
Axial Power Chokes
APC20-100K-RC ALLIED-APC20-100K-RC Datasheet
820Kb / 1P
Axial Power Chokes
APC20-101K-RC ALLIED-APC20-101K-RC Datasheet
817Kb / 1P
Axial Power Chokes
More results


Similar Description - APC207

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA156 BURR-BROWN-INA156 Datasheet
114Kb / 10P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA155 BURR-BROWN-INA155 Datasheet
140Kb / 11P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
List of Unclassifed Man...
APC308 ETC-APC308 Datasheet
198Kb / 15P
Rail to Rail Output CMOS Operating Amplifier
logo
Analog Devices
OP150 AD-OP150 Datasheet
65Kb / 5P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
Rail-to-Rail Output Single CMOS Operational Amplifier
logo
Texas Instruments
INA155UG4 TI-INA155UG4 Datasheet
702Kb / 16P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
OP450 AD-OP450_15 Datasheet
70Kb / 5P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
Texas Instruments
INA155 TI1-INA155 Datasheet
720Kb / 16P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA156 TI1-INA156 Datasheet
685Kb / 15P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
New Japan Radio
NJU7009 NJRC-NJU7009 Datasheet
507Kb / 12P
Low Noise, Rail-to-Rail Output Single CMOS Operational Amplifier
Ver.2009-03-04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com