Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC207 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # APC207
Description  Rail to Rail Output CMOS Single Operating Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

APC207 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  APC207 Datasheet HTML 1Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 2Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 3Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 4Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 5Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 6Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 7Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 8Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rail to Rail Output CMOS Single Operating Amplifier
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Nov., 2001
APC207/208
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Features
Ordering Information
The APC207/208 brings performance and enconomy
with high gain, CMOS operating amplifier, combining
rail to rail output range with large output current. It
provides a low input bias current 2pA.
The output swing of the amplifier, guaranteed for
loads down to 1kΩ and output current to an 10Ω load
from a 5V power supply. APC207/208 designed to
operating at 3V is especially well-suited for low volt-
age application.The APC207/208 is offered in the
space saving SOT23-5 package.
Applications
• Amplifiers
Gereral Description
Block Diagram
APC207
••••• Operating Voltage
Single Supply
3V to 6V
• Low Input current
2pA
••••• Rail to Rail Output Swing
••••• Push-Pull Output Driving
••••• High Output Current Drive
310mA
••••• Bandwidth:7MHz
••••• Wide Temperature Range
••••• Available in the SOT23-5 Package
••••• Single version of APC308
APC207/208
Package Code
B : SOT23-5
Temp. Range
I : - 40 to 85 C
Handling Code
TR : Tape & Reel
°
Handling Code
Temp. Range
Package Code
• Filters
• Analog circuit

!
"
#
IN
GND
IN
Output
V,,
TOP View

!
"
#
OUT
GND
IN
V,,
IN
+-
SOT23-5
TOP View
SOT23-5
APC208


Similar Part No. - APC207

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
APC20 ALLIED-APC20 Datasheet
820Kb / 1P
Axial Power Chokes
APC20-100K-RC ALLIED-APC20-100K-RC Datasheet
817Kb / 1P
Axial Power Chokes
APC20-100K-RC ALLIED-APC20-100K-RC Datasheet
822Kb / 1P
Axial Power Chokes
APC20-100K-RC ALLIED-APC20-100K-RC Datasheet
820Kb / 1P
Axial Power Chokes
APC20-101K-RC ALLIED-APC20-101K-RC Datasheet
817Kb / 1P
Axial Power Chokes
More results

Similar Description - APC207

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA156 BURR-BROWN-INA156 Datasheet
114Kb / 10P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA155 BURR-BROWN-INA155 Datasheet
140Kb / 11P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
List of Unclassifed Man...
APC308 ETC-APC308 Datasheet
198Kb / 15P
Rail to Rail Output CMOS Operating Amplifier
logo
Analog Devices
OP150 AD-OP150 Datasheet
65Kb / 5P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
Rail-to-Rail Output Single CMOS Operational Amplifier
logo
Texas Instruments
INA155UG4 TI-INA155UG4 Datasheet
702Kb / 16P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
OP450 AD-OP450_15 Datasheet
70Kb / 5P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
Texas Instruments
INA155 TI1-INA155 Datasheet
720Kb / 16P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA156 TI1-INA156 Datasheet
685Kb / 15P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
New Japan Radio
NJU7009 NJRC-NJU7009 Datasheet
507Kb / 12P
Low Noise, Rail-to-Rail Output Single CMOS Operational Amplifier
Ver.2009-03-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com