Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC207 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # APC207
Description  Rail to Rail Output CMOS Single Operating Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

APC207 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button APC207 Datasheet HTML 4Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 5Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 6Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 7Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 8Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 9Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 10Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 11Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Nov., 2001
APC207/208
www.anpec.com.tw
9
M illi met e rs
In che s
Di m
Mi n .
Ma x .
Mi n .
Ma x .
A1
0. 00
0. 15
0. 000
0. 006
A2
0. 90
1. 30
0. 035
0. 051
b
0 .3 0
0 .5 0
0. 01 1 8
0. 020
D
2 .7 0
3 .1 0
0. 106
0. 122
e
0 . 95(TY P)
0. 037 ( T Y P )
e1
1. 90(TY P)
0. 075 ( T Y P )
E
2 . 6
3. 00
0. 102
0. 1 1 8
E1
1. 40
1. 80
0. 055
0. 071
L
0 .3 0
0 .6 0
0. 012
0. 024
L1
0. 08
0. 25
0. 003
0. 010
α
0 °
10 °
0 °
10 °
Packaging Information
e1
E1
E
b
12
3
4
5
e
D
A2
A1
L 2
L
L 1
α
SOT-23-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com