Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC207 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # APC207
Description  Rail to Rail Output CMOS Single Operating Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

APC207 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  APC207 Datasheet HTML 1Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 2Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 3Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 4Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 5Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 6Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 7Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 8Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Nov., 2001
APC207/208
www.anpec.com.tw
3
Electrical Characteristics Cont.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
PSRR Supply Voltage Rejection Ratio
Vrr=100mVpp,
fin=100HZ,RL=2kΩ
-50
dB
Av
Large Signal Voltage Gain
85
dB
GBW Gain Bandwidth Product
7
MHz
SR
Slew Rate
5.6
V/µs
-25°C<Ta<75°C
2.0
4
mA
Icc
Supply Current
2.4V<Vcc<6V,
Ta=25°C
2.5
5
mA
V
,,=5V , TA=25°C (unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com