Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC207 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # APC207
Description  Rail to Rail Output CMOS Single Operating Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

APC207 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  APC207 Datasheet HTML 1Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 2Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 3Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 4Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 5Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 6Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 7Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 8Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Nov., 2001
APC207/208
www.anpec.com.tw
2
Thermal Characteristics
Absolute Maximum Ratings
Electrical Characteristics
V
,,=5V , TA=25°C (unless otherwise noted)
Note : *1. Human body model : C=100pF , R=1500Ω , 3 positive pulses plus 3 negative pulses
Symbol
Parameter
Value
Unit
RTHJA
Thermal Resistance from Junction to Ambient in Free Air
SOT23
357
K/W
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage
7
V
TSC(O)
Output Short-circuit duration, at TA=25°C, PTOT=1W
20
S
TA
Operating Ambient Temperature range
-40 to 85
°C
TJ
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TS
Soldering Temperature, 10 seconds
260
°C
VESD
Electrostatic Discharge
-3000 to 3000*1
V
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Ta=25°C
4
10
mV
Vos
Input Offset Voltage
-25°C<Ta<75°C
5
mV
Ibias Input Bias Current
Ta=25°C
2
pA
Vicm Input Common Mode Voltage
Range
Ta=25°C
0
VDD-0.8
V
RIN
Input Resistance
5
MΩ
Vo
Output Voltage Swing
RL=2kΩ
05
V
Voh
Output Voltage High
RL=10kΩ,
-25°C<Ta<75°C
5V
Vol
Output Voltage Low
RL=10kΩ,
-25°C<Ta<75°C
0V
Output Current Source
Vo=4.5V
-310
mA
lout
Output Current Sink
Vo=0.5V
370
mA
CMRR Common Mode Rejection Ratio
-80
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com