Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RBCAND21 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # RBCAND21
Description  CAN Isolation Transceiver Module Industrial Bus
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

RBCAND21 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  RBCAND21 Datasheet HTML 1Page - Wall Industries,Inc. RBCAND21 Datasheet HTML 2Page - Wall Industries,Inc. RBCAND21 Datasheet HTML 3Page - Wall Industries,Inc. RBCAND21 Datasheet HTML 4Page - Wall Industries,Inc. RBCAND21 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev A
RBCAND21 SERIES
CAN Isolation Transceiver Module
Industrial Bus
12/5/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
FEATURES
• Single Channel
• Compact Size
• CAN Isolation Transceiver Module
• Two-Port Isolation: 3.0kVDC
• High Baud Rate Up to 1Mbps
• RoHS Compliant
• Bus Can Support Maximum 110 Nodes
• DIP8 Package
• Set Isolation and ESD Bus Protection In
One
• EN60950 Safety Approval
• 3 Year Warranty
DESCRIPTION
The RBCAND21 series of CAN isolation transceiver module is a single channel,
high speed, industrial bus that converts TTL/CMOS level to CAN bus differential
level and uses IC integrated technology to achieve signal and power isolation.
This series consists of very compact models with a DIP8 package and a bus that
can support a maximum of 110 nodes. It features two-port isolation of 3.0kVDC,
baud rate up to 1Mbps, as well as set isolation and ESD bus protection in one.
This series is RoHS compliant and also has EN60950 safety approvals.
Size: 0.72in x 0.58in x 0.28in (18.20mm x 14.80mm x 7.10mm)
MODEL SELECTION TABLE
Model Number
Input Voltage
Static Current
Max. Operating Current
Bus Maximum Voltage
Baud Rate
Number of Nodes
Certification
RBCAND21-3100
3.3VDC
29mA
100mA
±36VDC
5k-1M
110
CE
RBCAND21-580
5VDC
38mA
80mA
±36VDC
5k-1M
110
SPECIFICATIONS
All specifications are based on 25°C, Humidity <75%, Nominal Input Voltage, and Rated Output Load unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage
Symbol: VCC
RBCAND21-3100 Model
3.15
3.3
3.45
VDC
RBCAND21-580 Model
4.75
5
5.25
Input Surge Voltage
1 sec. max
RBCAND21-3100 Model
-0.7
5
VDC
RBCAND21-580 Model
-0.7
7
TXD Logic Level (High Level)
Symbol: VIH
RBCAND21-3100 Model
0.7VCC
3.6
VDC
RBCAND21-580 Model
0.7VCC
5.5
TXD Logic Level (Low Level)
Symbol: VIL
RBCAND21-3100 Model
0
0.8
VDC
RBCAND21-580 Model
0
0.8
RXD Logic Level (High Level)
Symbol: VOH
RBCAND21-3100 Model
VCC-0.4
3.1
VDC
RBCAND21-580 Model
VCC-0.4
4.8
RXD Logic Level (Low Level)
Symbol: VOL
RBCAND21-3100 Model
0.2
0.4
VDC
RBCAND21-580 Model
0.2
0.4
TXD Drive Current
Symbol: IT
2
mA
RXD Output Current
Symbol: IR
10
mA
Serial Interface
Standard CAN controller interface
TRANSMISSION SPECIFICATIONS
Data Delay
Symbol: tT
TXD Transmit Delay
60
115
ns
Symbol: tR
RXD Receive Delay
70
135
Symbol: tPRO(TXD-RXD)
Cycle Delay
130
250
OUTPUT SPECIFICATIONS
Dominant Level (Logic 0)
Symbol: V(OD)CANH
CANH
2.75
3.5
4.5
VDC
Symbol: V(OD)CANL
CANL
0.5
1.5
2.25
Recessive Level (Logic 1)
Symbol: V(OR)CANH
CANH
2
2.5
3
VDC
Symbol: V(OR)CANL
CANL
2
2.5
3
Differential Level
Symbol: Vdiff(d)
Dominant Level (Logic 0)
1.5
2
3
VDC
Symbol: Vdiff(r)
Recessive Level (Logic 1)
-0.05
0
0.05
Bus Pin Maximum Withstand Voltage
Symbol: VX
-36
+36
VDC
Bus Transient Voltage
Symbol: Vtrt, Meets ISO7637-3 standard
-100
+100
VDC
Bus Pin Leakage Current
Symbol: (VCC=0V, VCANH/L=5V)
-5
5
uA
Differential Load Resistance
Symbol: RL
45
60
65
Ω
Differential Input Impedance
Symbol: Rdiff
20
100
k
Ω
CAN Bus Interface
Meets ISO/DIS 11898 Standard Twisted-pair output


Similar Part No. - RBCAND21

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
RBCAN01 WALL-RBCAN01 Datasheet
425Kb / 5P
CAN Isolation Transceiver Module Industrial Bus
RBCAN01-360 WALL-RBCAN01-360 Datasheet
425Kb / 5P
CAN Isolation Transceiver Module Industrial Bus
RBCAN01-550 WALL-RBCAN01-550 Datasheet
425Kb / 5P
CAN Isolation Transceiver Module Industrial Bus
RBCANH21 WALL-RBCANH21 Datasheet
469Kb / 5P
CAN Isolation Transceiver Module Industrial Bus
RBCANH21-360 WALL-RBCANH21-360 Datasheet
469Kb / 5P
CAN Isolation Transceiver Module Industrial Bus
More results

Similar Description - RBCAND21

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9615 STMICROELECTRONICS-L9615 Datasheet
137Kb / 8P
CAN BUS TRANSCEIVER
Feb-1998
logo
Texas Instruments
SN55HVD251 TI1-SN55HVD251 Datasheet
927Kb / 27P
INDUSTRIAL CAN TRANSCEIVER
logo
STMicroelectronics
L9615D013TR STMICROELECTRONICS-L9615D013TR Datasheet
132Kb / 8P
CAN BUS TRANSCEIVER
Sep-2013
logo
MORNSUN Science& Techno...
TD301DCANH2 MORNSUN-TD301DCANH2 Datasheet
871Kb / 3P
DUPLEX HIGH RATE H-CAN ISOLATION TRANSCEIVER MODULE
TD301DCANH3 MORNSUN-TD301DCANH3 Datasheet
872Kb / 3P
SINGLE HIGH RATE H-CAN ISOLATION TRANSCEIVER MODULE
TD302DCAN MORNSUN-TD302DCAN Datasheet
541Kb / 3P
DUPLEX UNIVERSAL CAN ISOLATION TRANSCEIVER MODULE
logo
Wall Industries,Inc.
RBCAN01 WALL-RBCAN01 Datasheet
425Kb / 5P
CAN Isolation Transceiver Module Industrial Bus
RBCANH21 WALL-RBCANH21 Datasheet
469Kb / 5P
CAN Isolation Transceiver Module Industrial Bus
logo
Guangzhou Reicu Electro...
PCM1051A REICU-PCM1051A Datasheet
5Mb / 1P
CAN Isolation transceiver module
REV:20.1
PCM8251AT REICU-PCM8251AT Datasheet
5Mb / 1P
CAN Isolation transceiver module
REV:20.1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com