Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RBCAND21 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # RBCAND21
Description  CAN Isolation Transceiver Module Industrial Bus
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

RBCAND21 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  RBCAND21 Datasheet HTML 1Page - Wall Industries,Inc. RBCAND21 Datasheet HTML 2Page - Wall Industries,Inc. RBCAND21 Datasheet HTML 3Page - Wall Industries,Inc. RBCAND21 Datasheet HTML 4Page - Wall Industries,Inc. RBCAND21 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev A
RBCAND21 SERIES
CAN Isolation Transceiver Module
Industrial Bus
12/5/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
SPECIFICATIONS
All specifications are based on 25°C, Humidity <75%, Nominal Input Voltage, and Rated Output Load unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-40
+105
ºC
Transportation & Storage Temperature
-50
125
ºC
Operating Humidity
Non-Condensing
10
90
%
Pin Welding Resistance Temperature
Welding spot is 1.5mm away from the casing, 10 seconds
300
ºC
Cooling Method
Free Air Convection
GENERAL SPECIFICATIONS
Isolation Voltage
Test for 1 minute, leakage current <1mA
3.0
kVDC
Insulation Resistance
Isolation Voltage 500VDC, Input-Output
1000
M
Ω
PHYSICAL SPECIFICATIONS
Weight
0.067oz (1.90g) Typ.
Dimensions (L x W x H)
DIP8
0.72in x 0.58in x 0.28in
(18.20mm x 14.80mm x 7.10mm)
SAFETY CHARACTERISTICS
Safety Standard & Certification
EN60950
Safety Class
Class III
EMI
CE
CISPR/EN55032
Class A(1)
EMS
ESD
IEC/EN61000-4-2
Contact ±4kV
(Bare component, Signal Port)
Perf. Criteria A
RS
IEC/EN61000-4-3
10V/m (Bare Component)
Perf. Criteria A
EFT
IEC/EN61000-4-4
±2kV (Bare Component, Signal Port)
Perf. Criteria B
Surge IEC/EN61000-4-5
±2kV (Bare Component, Signal Port)
Perf. Criteria A
CS
IEC/EN61000-4-6
3Vr.m.s. (Bare Component)
Perf. Criteria A
NOTES
1.
See Fig. 3
2.
The performance indexes of the product models are as listed in the data sheet above, but some indexes of non-standard model products will
exceed the above mentioned requirements. Contact factory for specific information.
3.
PCB surface may have micro-color difference-this is a normal phenomenon & does not affect use of product.
4.
Products shall be classified according to ISO14001 and related environmental laws and regulations & should be handled by qualifying units.
5.
Customization available.
Application Precautions:
-Please read instructions carefully before use; call factory if you have questions.
-Do not use product in hazardous area
-This product is powered by DC power supply. 220VAC power supply is prohibited.
-Do not dismount and assemble the product without permission to avoid failure or malfunction of equipment.
-Ex factory inspection and quality control have been strictly conducted for this product. If any abnormal operation or possibility of failure occurs in
internal module, please contact factory for support.
*Due to advances in technology, specifications subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com