Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RBCAND21 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # RBCAND21
Description  CAN Isolation Transceiver Module Industrial Bus
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

RBCAND21 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  RBCAND21 Datasheet HTML 1Page - Wall Industries,Inc. RBCAND21 Datasheet HTML 2Page - Wall Industries,Inc. RBCAND21 Datasheet HTML 3Page - Wall Industries,Inc. RBCAND21 Datasheet HTML 4Page - Wall Industries,Inc. RBCAND21 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev A
RBCAND21 SERIES
CAN Isolation Transceiver Module
Industrial Bus
12/5/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 5
MECHANICAL DRAWINGS
Note: Grid 2.54*2.54mm
Pin-Out
Pin
Name
Function
1
VCC
Input Power+
2
GND
GND
3
TXD
Send Pin
4
RXD
Receiving Pin
6
CANH
CANH Pin
7
CANL
CANL Pin
8
CANG
Isolation Power Output CANG
Note:
Unit: mm [inch]
Pin diameter tolerances: ±0.10 [±0.004]
General Tolerances: ±1.0 [±0.039]
DESIGN REFERENCE
1. Typical Application Circuit
Fig. 1
In general, the module, which is properly connected to the power supply, CAN controller and CAN bus network interface, can be directly used by
customers without adding peripheral circuits. Figure 1 shows a typical application circuit connection for a module.
Note: CAN controller logic level should be compatible with RBCAND21-3100/RBCAND21-580 isolated CAN transceiver module.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com