Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RBCAND21 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # RBCAND21
Description  CAN Isolation Transceiver Module Industrial Bus
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

RBCAND21 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  RBCAND21 Datasheet HTML 1Page - Wall Industries,Inc. RBCAND21 Datasheet HTML 2Page - Wall Industries,Inc. RBCAND21 Datasheet HTML 3Page - Wall Industries,Inc. RBCAND21 Datasheet HTML 4Page - Wall Industries,Inc. RBCAND21 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev A
RBCAND21 SERIES
CAN Isolation Transceiver Module
Industrial Bus
12/5/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 5
Fig. 2
As shown in Figure 2, a single CAN-bus network can connect up to 110 single-channel RBCAN isolated CAN transceiver modules. The universal type
module can support a max. communication distance of 10km while the high-speed type module can support a max communication distance of 1km with
baud rate beyond 40kbps. If looking to access more nodes or longer communication distance, it can be achieved by using CAN repeaters or other
expansion equipment.
Notes: The communication distance of the bus is related to the communication speed and field application. It can be designed according to the actual
application and reference standard. It is recommended that the communication cable is a twisted pair or shielded twisted pair and should stay away from
the interference source. For long-distance communication, the terminal resistance value needs to be selected according to the communication distance
and the cable impedance and the number of nodes.
Fig. 3
Components
Parameter
C1 C2
1uF/16V
LDM
CD43-12uH
2. Recommended Port Protection Circuit
Fig. 4
Note: Twisted pair shield grounded reliably.
Parameter declaration:
Components
Recommended Parameters
Components
Recommended Parameters
R3
1MΩ
R1, R2
2.7Ω/2W
C1
102,2kV
D1, D2
1N4007
T1
ACM2520-301-2P
D3
SMBJ15CA
GDT
B3D090L
When the module is used in harsh field environment, it is susceptible to the large energy of lightning strike. In this case, it is necessary to add protection
circuit to the CAN signal port to protect the module from damage and ensure the reliability of bus communication. Figure 2 provides a recommended
protection circuit design for the high-energy lightning surges, with a degree of protection related to the selected protection device. Parameter description
lists a set of recommended circuit parameters, which can be adjusted according to the actual application situation. Also, when using the shielded cable,
the reliable single-point grounding of the shield must be achieved.
Note: This recommended parameter is only the recommended value, which is subject to the actual application. Recommended R1, R2 use PTC, D1, D2
use fast recovery diodes.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com