Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4805 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4805
Description  3V, 1W Boosted Boomer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4805 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4805 Datasheet HTML 1Page - National Semiconductor (TI) LM4805 Datasheet HTML 2Page - National Semiconductor (TI) LM4805 Datasheet HTML 3Page - National Semiconductor (TI) LM4805 Datasheet HTML 4Page - National Semiconductor (TI) LM4805 Datasheet HTML 5Page - National Semiconductor (TI) LM4805 Datasheet HTML 6Page - National Semiconductor (TI) LM4805 Datasheet HTML 7Page - National Semiconductor (TI) LM4805 Datasheet HTML 8Page - National Semiconductor (TI) LM4805 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical Characteristics V
DD = 3.0V (Notes 1, 2) (Continued)
The following specifications apply for V
DD = 3.0V, AV-BTL = 26dB, RL =8
Ω,C
B = 1.0µF, R1 = 51.1k
Ω,R
2 = 15k
Ω unless other-
wise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4805
Units
(Limits)
Typical
(Note 6)
Limit
(Notes 7, 8)
V
FB
Feedback Pin Reference Voltage
(Note 11)
1.23
1.205
1.255
V (max)
V (min)
Note 1: All voltages are measured with respect to the GND pin, unless otherwise specified.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature, TA. The maximum
allowable power dissipation is PDMAX =(TJMAX −TA)/ θJA or the given in Absolute Maximum Ratings, whichever is lower.
Note 4: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 5: Machine Model, 220pF–240pF discharged through all pins.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Note 9: Shutdown current is measured at an ambient temperature of 25˚C. The Shutdown pin should be driven as close as possible to GND for minimum shutdown
current.
Note 10: Shutdown current is measured with components R1 and R2 removed.
Note 11: Feedback pin reference voltage is measured with the Audio Amplifier’s V1 (pin 26) floating and no addition load connected to the cathode of D1 (see Figure
1).
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com