Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4805 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4805
Description  3V, 1W Boosted Boomer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4805 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4805 Datasheet HTML 10Page - National Semiconductor (TI) LM4805 Datasheet HTML 11Page - National Semiconductor (TI) LM4805 Datasheet HTML 12Page - National Semiconductor (TI) LM4805 Datasheet HTML 13Page - National Semiconductor (TI) LM4805 Datasheet HTML 14Page - National Semiconductor (TI) LM4805 Datasheet HTML 15Page - National Semiconductor (TI) LM4805 Datasheet HTML 16Page - National Semiconductor (TI) LM4805 Datasheet HTML 17Page - National Semiconductor (TI) LM4805 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Application Information (Continued)
put ripple. Continuous operation is defined as not allowing
the inductor current to drop to zero during the cycle. It should
be noted that all boost converters shift over to discontinuous
operation as the output load is reduced far enough, but a
larger inductor stays “continuous” over a wider load current
range.
To better understand these trade-offs, a typical application
circuit (5V to 12V boost with a 10µH inductor) will be ana-
lyzed. We will assume:
V
IN =5V, VOUT = 12V, VDIODE = 0.5V, VSW = 0.5V
Since the frequency is 1.6MHz (nominal), the period is ap-
proximately 0.625µs. The duty cycle will be 62.5%, which
means the ON-time of the switch is 0.390µs. It should be
noted that when the switch is ON, the voltage across the
inductor is approximately 4.5V. Using the equation:
V = L (di/dt)
We can then calculate the di/dt rate of the inductor which is
found to be 0.45 A/µs during the ON-time. Using these facts,
we can then show what the inductor current will look like
during operation:
During the 0.390µs ON-time, the inductor current ramps up
0.176A and ramps down an equal amount during the OFF-
time. This is defined as the inductor “ripple current”. It can
also be seen that if the load current drops to about 33mA,
the inductor current will begin touching the zero axis which
means it will be in discontinuous mode. A similar analysis
can be performed on any boost converter, to make sure the
ripple current is reasonable and continuous operation will be
maintained at the typical load current values.
MAXIMUM SWITCH CURRENT
The maximum FET switch current available before the cur-
rent limiter cuts in is dependent on duty cycle of the appli-
cation. This is illustrated in a graph in the typical perfor-
mance characterization section which shows typical values
of switch current as a function of effective (actual) duty cycle.
CALCULATING OUTPUT CURRENT OF BOOST
CONVERTER (I
AMP)
As shown in Figure 2 which depicts inductor current, the load
current is related to the average inductor current by the
relation:
I
LOAD =IIND(AVG) x (1 - DC)
(7)
Where "DC" is the duty cycle of the application. The switch
current can be found by:
I
SW =IIND(AVG) + 1/2 (I
RIPPLE)
(8)
Inductor ripple current is dependent on inductance, duty
cycle, input voltage and frequency:
I
RIPPLE =DCx(VIN-VSW)/(fxL)
(9)
combining all terms, we can develop an expression which
allows the maximum available load current to be calculated:
I
LOAD(max) = (1–DC)x(ISW(max)–DC(VIN-VSW))/fL (10)
The equation shown to calculate maximum load current
takes into account the losses in the inductor or turn-OFF
switching losses of the FET and diode.
DESIGN PARAMETERS V
SW AND ISW
The value of the FET "ON" voltage (referred to as V
SW in
equations 7 thru 10) is dependent on load current. A good
approximation can be obtained by multiplying the "ON Re-
sistance" of the FET times the average inductor current.
FET on resistance increases at V
IN values below 5V, since
the internal N-FET has less gate voltage in this input voltage
range (see Typical Performance Characteristics curves).
Above V
IN = 5V, the FET gate voltage is internally clamped
to 5V.
The maximum peak switch current the device can deliver is
dependent on duty cycle. For higher duty cycles, see Typical
Performance Characteristics curves.
INDUCTOR SUPPLIERS
Recommended suppliers of inductors for the LM4805 in-
clude, but are not limited to Taiyo-Yuden, Sumida, Coilcraft,
Panasonic, TDK and Murata. When selecting an inductor,
make certain that the continuous current rating is high
enough to avoid saturation at peak currents. A suitable core
type must be used to minimize core (switching) losses, and
wire power losses must be considered when selecting the
current rating.
PCB LAYOUT GUIDELINES
High frequency boost converters require very careful layout
of components in order to get stable operation and low
noise. All components must be as close as possible to the
LM4805 device. It is recommended that a 4-layer PCB be
used so that internal ground planes are available.
Some additional guidelines to be observed:
1. Keep the path between L1, D1, and Co extremely short.
Parasitic trace inductance in series with D1 and Co will
increase noise and ringing.
2. The feedback components R1, R2 and C
f 1 must be kept
close to the FB pin of U1 to prevent noise injection on the FB
pin trace.
3. If internal ground planes are available (recommended)
use vias to connect directly to ground at pin 2 of U1, as well
as the negative sides of capacitors C
s1 and Co.
20126255
FIGURE 2. 10µH Inductor Current
5V - 12V Boost (LM4805)
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com