Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4805 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4805
Description  3V, 1W Boosted Boomer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4805 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4805 Datasheet HTML 1Page - National Semiconductor (TI) LM4805 Datasheet HTML 2Page - National Semiconductor (TI) LM4805 Datasheet HTML 3Page - National Semiconductor (TI) LM4805 Datasheet HTML 4Page - National Semiconductor (TI) LM4805 Datasheet HTML 5Page - National Semiconductor (TI) LM4805 Datasheet HTML 6Page - National Semiconductor (TI) LM4805 Datasheet HTML 7Page - National Semiconductor (TI) LM4805 Datasheet HTML 8Page - National Semiconductor (TI) LM4805 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM4805
3V, 1W Boosted Boomer
General Description
The LM4805 is a boosted audio power amplifier designed for
driving 8ohm speakers in portable applications. It delivers at
least 1W continuous power to an 8
Ω load from any input
voltage between 3V and 4.6V with less than 2% THD+N.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components. The LM4805 does not require boot-
strap capacitors, or snubber circuits. Therefore it is ideally
suited for portable applications requiring high power and
minimal size.
The LM4805 features a low-power consumption shutdown
mode along with an internal thermal shutdown protection
mechanism and short circuit protection.
The LM4805 contains advanced pop & click circuitry that
eliminates noises which would otherwise occur during
turn-on and turn-off transitions. The LM4805 is unity-gain
stable and can be configured by external gain-setting resis-
tors.
Key Specifications
j Quiescent Power Supply Current
(V
DD = 3V)
14mA (typ)
j Output Power
(V
DD = 3.0V, RL =8
Ω, THD+N = 2%)
1W (typ)
j Shutdown Current
2µA (max)
Features
n
Pop & click circuitry eliminates noise during turn-on and
turn-off transitions
n
Low, 2µA (max) shutdown current
n
Low, 14mA (typ) quiescent current
n
Unity-gain stable
n
External gain configuration capability
Applications
n
Cellphone
n
PTT (Push To Talk) mobile phones
Connection Diagrams
LM4805LQ (5x5)
LQ Marking
20126284
Top View
Order Number LM4805LQ
See NS Package Number LQA28A
20126256
Top View
U = Wafer Fab
Z = Assembly Plant Code
XY = Date Code
TT = Die Run Code
Boomer® is a registered trademark of National Semiconductor Corporation.
May 2005
© 2005 National Semiconductor Corporation
DS201262
www.national.com


Similar Part No. - LM4805

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4805 NSC-LM4805 Datasheet
1Mb / 19P
Low Voltage High Power Audio Power Amplifier
LM4805_0508 NSC-LM4805_0508 Datasheet
1Mb / 19P
Low Voltage High Power Audio Power Amplifier
More results

Similar Description - LM4805

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1340 LINER-LTC1340 Datasheet
240Kb / 8P
Low Noise, Voltage-Boosted Varactor Driver
logo
National Semiconductor ...
LM4855 NSC-LM4855 Datasheet
1Mb / 24P
Boomer AUDIO POWER AMPLIFIER Integrated Audio Amplifier System
LM4995 NSC-LM4995 Datasheet
769Kb / 15P
BOOMER-R AUDIO POWER AMPLIFIER SERIES
LM48510_0710 NSC-LM48510_0710 Datasheet
403Kb / 20P
Boosted Class D Audio Power Amplifier
logo
Eutech Microelectronics...
EUA2510 EUTECH-EUA2510 Datasheet
157Kb / 1P
2.7W Boosted Class-D Audio Power Amplifier
logo
Texas Instruments
LM4670SD TI1-LM4670SD Datasheet
1Mb / 24P
LM4670 Boomer Audio Power Amplifier Series Filterless High
LM48510 TI1-LM48510_14 Datasheet
1Mb / 30P
Boosted Class D Audio Power Amplifier
logo
Linear Technology
LTC1340 LINER-LTC1340_15 Datasheet
241Kb / 8P
Low Noise, Voltage-Boosted Varactor Driver
logo
Texas Instruments
LM48512 TI-LM48512_15 Datasheet
1Mb / 22P
Boomer Audio Power Amplifier Series PowerWise Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
LM48520 TI1-LM48520 Datasheet
803Kb / 20P
Boosted Stereo Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com