Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4805 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4805
Description  3V, 1W Boosted Boomer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4805 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4805 Datasheet HTML 8Page - National Semiconductor (TI) LM4805 Datasheet HTML 9Page - National Semiconductor (TI) LM4805 Datasheet HTML 10Page - National Semiconductor (TI) LM4805 Datasheet HTML 11Page - National Semiconductor (TI) LM4805 Datasheet HTML 12Page - National Semiconductor (TI) LM4805 Datasheet HTML 13Page - National Semiconductor (TI) LM4805 Datasheet HTML 14Page - National Semiconductor (TI) LM4805 Datasheet HTML 15Page - National Semiconductor (TI) LM4805 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Application Information (Continued)
nal power dissipation is 4 times that of a single-ended am-
plifier. The maximum power dissipation for a given BTL
application can be derived from Equation 1.
P
DMAX(AMP) = 4(VDD)
2 /(2
π2R
L)
(1)
BOOST CONVERTER POWER DISSIPATION
At higher duty cycles, the increased ON-time of the switch
FET means the maximum output current will be determined
by power dissipation within the LM2731 FET switch. The
switch power dissipation from ON-time conduction is calcu-
lated by Equation 2.
P
DMAX(SWITCH) =DCxIIND(AVE)
2 xR
DS(ON)
(2)
where DC is the duty cycle.
There will be some switching losses as well, so some derat-
ing needs to be applied when calculating IC power dissipa-
tion.
TOTAL POWER DISSIPATION
The total power dissipation for the LM4805 can be calculated
by adding Equation 1 and Equation 2 together to establish
Equation 3:
P
DMAX(TOTAL) = [4*(VDD)
2/2
π2R
L]+[DCxIIND(AVE)
2
xR
DS(ON)]
(3)
The result from Equation 3 must not be greater than the
power dissipation that results from Equation 4:
P
DMAX =(TJMAX -TA)/
θJA
(4)
For the LQA28A,
θ
JA = 59˚C/W. TJMAX = 125˚C for the
LM4805. Depending on the ambient temperature, T
A,ofthe
system surroundings, Equation 4 can be used to find the
maximum internal power dissipation supported by the IC
packaging. If the result of Equation 3 is greater than that of
Equation 4, then either the supply voltage must be in-
creased, the load impedance increased or T
A reduced. For
the typical application of a 3V power supply, with V1 set to
5.5V and an 8
Ω load, the maximum ambient temperature
possible without violating the maximum junction temperature
is approximately 111˚C provided that device operation is
around the maximum power dissipation point. Thus, for typi-
cal applications, power dissipation is not an issue. Power
dissipation is a function of output power and thus, if typical
operation is not around the maximum power dissipation
point, the ambient temperature may be increased accord-
ingly. Refer to the Typical Performance Characteristics
curves for power dissipation information for lower output
levels.
EXPOSED-DAP PACKAGE PCB MOUNTING
CONSIDERATIONS
The LM4805’s exposed-DAP (die attach paddle) package
(LD) provides a low thermal resistance between the die and
the PCB to which the part is mounted and soldered. The low
thermal resistance allows rapid heat transfer from the die to
the surrounding PCB copper traces, ground plane, and sur-
rounding air. The LD package should have its DAP soldered
to a copper pad on the PCB. The DAP’s PCB copper pad
may be connected to a large plane of continuous unbroken
copper. This plane forms a thermal mass, heat sink, and
radiation area. Further detailed and specific information con-
cerning PCB layout, fabrication, and mounting an LD (LLP)
package is found in National Semiconductor’s Package En-
gineering Group under application note AN1187.
SHUTDOWN FUNCTION
In many applications, a microcontroller or microprocessor
output is used to control the shutdown circuitry to provide a
quick, smooth transition into shutdown. Another solution is to
use a single-pole, single-throw switch, and a pull-up resistor.
One terminal of the switch is connected to GND. The other
side is connected to the two shutdown pins and the terminal
of the pull-up resistor. The remaining resistance terminal is
connected to V
DD. If the switch is open, then the external
pull-up resistor connected to V
DD will enable the LM4805.
This scheme guarantees that the shutdown pins will not float
thus preventing unwanted state changes.
PROPER SELECTION OF EXTERNAL COMPONENTS
Proper selection of external components in applications us-
ing integrated power amplifiers, and switching boost convert-
ers, is critical for optimizing device and system performance.
Consideration to component values must be used to maxi-
mize overall system quality.
The best capacitors for use with the switching converter
portion of the LM4805 are multi-layer ceramic capacitors.
They have the lowest ESR (equivalent series resistance)
and highest resonance frequency, which makes them opti-
mum for high frequency switching converters.
When selecting a ceramic capacitor, only X5R and X7R
dielectric types should be used. Other types such as Z5U
and Y5F have such severe loss of capacitance due to effects
of temperature variation and applied voltage, they may pro-
vide as little as 20% of rated capacitance in many typical
applications. Always consult capacitor manufacturer’s data
curves before selecting a capacitor. High-quality ceramic
capacitors can be obtained from Taiyo-Yuden, AVX, and
Murata.
POWER SUPPLY BYPASSING
As with any amplifier, proper supply bypassing is critical for
low noise performance and high power supply rejection. The
capacitor location on both V1 and V
DD (Cs2 and Cs1) pins
should be as close to the device as possible.
SELECTING INPUT CAPACITOR FOR AUDIO
AMPLIFIER
One of the major considerations is the closedloop bandwidth
of the amplifier. To a large extent, the bandwidth is dictated
by the choice of external components shown in Figure 1. The
input coupling capacitor, C
i, forms a first order high pass filter
which limits low frequency response. This value should be
chosen based on needed frequency response for a few
distinct reasons.
High value input capacitors are both expensive and space
hungry in portable designs. Clearly, a certain value capacitor
is needed to couple in low frequencies without severe at-
tenuation. However, speakers used in portable systems,
whether internal or external, have little ability to reproduce
signals below 100Hz to 150Hz. Thus, using a high value
input capacitor may not increase actual system perfor-
mance.
In addition to system cost and size, click and pop perfor-
mance is affected by the value of the input coupling capaci-
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com