Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM12438CIWM Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM12438CIWM
Description  Sign Data Acquisition System with Serial I/O and Self-Calibration
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12438CIWM Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM12438CIWM Datasheet HTML 17Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 18Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 19Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 20Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 21Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 22Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 23Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 24Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
40 Typical Performance Characteristics (Continued)
The following curves apply for 12-bit a sign mode after auto-calibration unless otherwise specified
RS e 50X TA e 25 C VAa e VDa e 5V VREF e 4096V fCLK e 8 MHz fSCLK e 10 MHz VIN e 4096V
x0 dB
Sampling Rate e 1333 kHz
vs Input Frequency
Unipolar Signal-to-Noise Ratio
vs Input Frequency
a
Distortion
Unipolar Signal-to-Noise
vs Input Frequency
Harmonic Distortion
Unipolar Total
vs Input Frequency
Dynamic Range
Unipolar Spurious Free
Sine Wave at 0 dB
with 1025 kHz
Unipolar Spectral Response
Sine Wave at 0 dB
with 10010 kHz
Unipolar Spectral Response
Sine Wave at 0 dB
with 40283 kHz
Unipolar Spectral Response
Sine Wave at b05 dB
with 40283 kHz
Unipolar Spectral Response
Sine Wave at b10 dB
with 40283 kHz
Unipolar Spectral Response
with 62256 kHz
Unipolar Spectral Response
Sine Wave at 0 dB
TLH11879 – 17
Unipolar Two Tone Spectral
Response with f1 e 19190 kHz and
f2 e 19482 kHz Sine Wave
TLH11879 – 24
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com