Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM12438CIWM Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM12438CIWM
Description  Sign Data Acquisition System with Serial I/O and Self-Calibration
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12438CIWM Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM12438CIWM Datasheet HTML 8Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 9Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 10Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 11Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 12Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 13Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 14Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 15Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
20 Electrical Specifications (Continued)
23 DIGITAL SWITCHING CHARACTERISTICS
The following specifications apply to the LM12434 and LM12 L 438 for VAa
e
VDae 5V 33V
AGND e DGND e 0V CL (load capacitance) on output lines e 80 pF unless otherwise specified
Boldface limits apply for TA e TJ e TMIN to TMAX all other limits for TA e TJ e 25 C (Notes 6 7 and 9) (Continued)
233 TMS320 Interface Mode
Symbol
Parameter
Conditions
Typical
Limits
Units
(See
Figure Below)
(Note 10)
(Note 11)
(Limit)
t22
SCLK (Serial Clock) Period
125 167
ns (min)
t23
FSX Set-Up Time to SCLK High
30 50
ns (min)
t24
FSX Hold Time from SCLK High
10
ns (min)
t25
Data in (DX) Set-Up
0
ns (min)
Time to SCLK Low
t26
Data in DX Hold Time from
30 120
ns (min)
SCLK Low
t27
FSR High from SCLK High
80 100
ns (max)
t28
FSR Low from SCLK Low
120
ns (max)
t29
SCLK High to Data
90
ns (max)
Out (DR) Change
TLH11879 – 23
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com